Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3470 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3470
Description  Tiny Power On Reset Circuit
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3470 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LP3470 Datasheet HTML 1Page - National Semiconductor (TI) LP3470 Datasheet HTML 2Page - National Semiconductor (TI) LP3470 Datasheet HTML 3Page - National Semiconductor (TI) LP3470 Datasheet HTML 4Page - National Semiconductor (TI) LP3470 Datasheet HTML 5Page - National Semiconductor (TI) LP3470 Datasheet HTML 6Page - National Semiconductor (TI) LP3470 Datasheet HTML 7Page - National Semiconductor (TI) LP3470 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Application Information
RESET TIMEOUT PERIOD
The Reset Timeout Period (t
RP) is programmable using an
external capacitor (C
1) connected to pin SRT of LP3470. A
Ceramic chip capacitor rated at or above 10V is sufficient.
The Reset Timeout Period (t
RP) can be calculated using the
following formula:
t
RP (ms) = 2000 x C1 (µF).
For example a C
1 of 100 nF will achieve a tRP of 200 ms. If
no delay due to t
RP is needed in a certain application, the pin
SRT should be left floating.
RESET OUTPUT
In applications like microprocessor (µP) systems, errors
might occur in system operation during power-up, power-
down, or brownout conditions. It is imperative to monitor the
power supply voltage in order to prevent these errors from
occurring.
The LP3470 asserts a reset signal whenever the V
CC supply
voltage is below a threshold (V
RTH) voltage. Reset is guar-
anteed to be a logic low for V
CC > 0.5V. Once VCC exceeds
the reset threshold, the reset is kept asserted for a time
period (t
RP) programmed by an external capacitor (C1); after
this interval Reset goes to logic high. If a brownout condition
occurs (monitored voltage falls below the reset threshold
minus a small hysteresis), Reset goes low. When V
CC re-
turns above the reset threshold, Reset remains low for a time
period t
RP before going to logic high.
PULL-UP RESISTOR SELECTION
The LP3470’s Reset output structure is a simple open-drain
N-channel MOSFET switch. A pull-up resistor (R
1) should be
connected to V
CC.
R
1 should be large enough to limit the current through the
output MOSFET (Q
1) below 10 mA. A resistor value of more
than 680
Ω guarantees this. R
1 should also be small enough
to ensure a logic high while supplying all the leakage current
through the Reset pin. A resistor value of less than 68k
Ω
satisfies this condition. A typical pull-up resistor value of 20
k
Ω is sufficient in most applications.
NEGATIVE-GOING V
CC TRANSIENTS
The LP3470 is relatively immune to short duration negative-
going V
CC transients (glitches). The Typical Operating Char-
acteristics show the Maximum Transient Duration vs. Nega-
tive Transient Amplitude (graph titled Transient Rejection),
for which reset pulses are not generated. This graph shows
the maximum pulse width a negative-going V
CC transient
may typically have without causing a reset pulse to be
issued. As the transient amplitude increases (i.e. goes far-
ther below the reset threshold), the maximum allowable
pulse width decreases. A 0.1 µF bypass capacitor mounted
close to V
CC provides additional transient immunity.
Timing Diagram
10001604
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com