Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8440F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TA8440F
Description  Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8440F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TA8440F Datasheet HTML 1Page - Toshiba Semiconductor TA8440F Datasheet HTML 2Page - Toshiba Semiconductor TA8440F Datasheet HTML 3Page - Toshiba Semiconductor TA8440F Datasheet HTML 4Page - Toshiba Semiconductor TA8440F Datasheet HTML 5Page - Toshiba Semiconductor TA8440F Datasheet HTML 6Page - Toshiba Semiconductor TA8440F Datasheet HTML 7Page - Toshiba Semiconductor TA8440F Datasheet HTML 8Page - Toshiba Semiconductor TA8440F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TA8440H/F
2001-08-29
1
TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8440H,TA8440F
DC MOTOR FULL BRIDGE DRIVER
F TYPE: UNDER DEVELOPMENT
The TA8440H is a full−bridge driver for selecting the forward and
reverse running of a motor with brushes and is able to control 4
modes of forward, reverse, stop and braking.
The motor driving unit and the control unit have a separate power
supply line, independently and the TA8440H is also usable as a
stepping motor driver.
FEATURES
l Output current is as large as 1.5A (AVE) and 3.0A (PEAK).
l 4 modes of forward, reverse, stop, and braking are available
and a counter−electromotive force absorbing diode has been
built−in.
l Thermal shutdown circuit incorporated.
l Input is compatible with CMOS.
l Built−in input pull−up resistor.
BRAKE = 200 kΩ (Typ.)
l Built−in input pull−down resistor. IN, ENABLE = 100 kΩ (Typ.)
BLOCK DIAGRAM
TA8440H/TA8440F
TA8440F: 3, 6, 8, 10, 11, 12, 19, 20 pin is No Connection.
TA8440H
TA8440F (Under development)
Weight
HZIP12-P-1.78B: 4.04 g (Typ.)
HSOP20-P-450-1.00: 0.79 g (Typ.)


Similar Part No. - TA8440F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8445K TOSHIBA-TA8445K Datasheet
213Kb / 6P
POWER AMPLIFIER FOR DRIVING A DEFLECTION CIRCUIT OF A COLOR TELEVISION
TA8449P TOSHIBA-TA8449P Datasheet
187Kb / 5P
QUAD POWER OP. AMP
logo
Transko Electronics, In...
TA844AM TRANSKO-TA844AM Datasheet
362Kb / 4P
Wireless, RF SAW Filter
Revision 0: December 2010
More results

Similar Description - TA8440F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8429H TOSHIBA-TA8429H Datasheet
266Kb / 9P
TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reve
TB6424FN TOSHIBA-TB6424FN Datasheet
293Kb / 10P
DC MOTOR DUAL FULL BRIDGE DRIVER (H-SWITCH)
TA7291AP TOSHIBA-TA7291AP Datasheet
311Kb / 14P
Full-Bridge Driver for DC Motors (driver for controlling the forward and reverse rotations)
TA7267BP TOSHIBA-TA7267BP_07 Datasheet
309Kb / 13P
Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
TA7279P TOSHIBA-TA7279P_06 Datasheet
344Kb / 12P
Dual-Bridge Drivers (for Switching between Forward and Reverse Rotation) for DC Motors
TA7288P TOSHIBA-TA7288P_07 Datasheet
308Kb / 12P
Sequential Dual-Bridge Driver (Driver for Switching between Forward and Reverse Rotation) for DC Motor
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
Sanyo Semicon Device
LV8760T SANYO-LV8760T_11 Datasheet
216Kb / 11P
Forward/Reverse H-bridge Driver
logo
ON Semiconductor
LV8760T-TLM-E ONSEMI-LV8760T-TLM-E Datasheet
170Kb / 11P
Forward/Reverse H-bridge Driver
May, 2013
logo
Toshiba Semiconductor
TA7267P TOSHIBA-TA7267P Datasheet
398Kb / 13P
Full-Bridge Driver (H-Swithch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
2006-3-2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com