Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8440F Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TA8440F
Description  Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8440F Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TA8440F Datasheet HTML 1Page - Toshiba Semiconductor TA8440F Datasheet HTML 2Page - Toshiba Semiconductor TA8440F Datasheet HTML 3Page - Toshiba Semiconductor TA8440F Datasheet HTML 4Page - Toshiba Semiconductor TA8440F Datasheet HTML 5Page - Toshiba Semiconductor TA8440F Datasheet HTML 6Page - Toshiba Semiconductor TA8440F Datasheet HTML 7Page - Toshiba Semiconductor TA8440F Datasheet HTML 8Page - Toshiba Semiconductor TA8440F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TA8440H/F
2001-08-29
3
ELECTRICAL CHARACTERISTICS (VCC = 5 V, VS = 24 V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST
CIR−
CUIT
TEST CONDITION
MIN
TYP.
MAX
UNIT
High
VIN (H)
3.5
―
VCC
Input Voltage
Low
VIN (L)
1
IN, CHOP, ENABLE, BRAKE
GND
―
1.5
v
IIN−1 (H)
CHOP
―
5
52
IIN−2 (H)
IN, ENABLE
―
40
60
Input Current
High
IIN−3 (H)
BRAKE
VIN = 5 V
―
0
5.5
IIN−1 (L)
CHOP
―
0
5.5
IIN−2 (L)
IN, ENABLE
―
0
5.5
Input Current
Low
IIN−3 (L)
1
BRAKE
VIN = 0 V
Source type
―
25
52
µA
ICC1
Stop
―
6
10.5
ICC2
Forward / reverse
―
10
14.5
Current Consumption (I)
ICC3
2
Brake
―
14
18.5
mA
IS1
Stop
―
2
4.2
IS2
Forward / reverse
―
3.5
5.0
Current Consumption (II)
IS3
2
Brake
―
2.5
3.7
mA
Upper Side
Vsat−U1
1.5
2.0
2.7
Under Side
Vsat−L1
IOUT = 1.5A
0.7
1.25
1.9
Upper Side
Vsat−U2
2.7
3.0
3.9
Output saturation
voltage
Under Side
Vsat−L2
3
IOUT = 3.0A
1.7
2.0
2.9
V
Upper Side
VF−U1
―
3.5
―
Diode Forward
Orientation
Voltage
Under Side
VF−L1
―
IOUT = 1.5A
―
1.3
―
V
Upper Side
IOH
―
―
200
Output Leakage
Current
Under Side
IOL
4
VS = 30V
―
―
100
µA
Shut Down Temperature
TSD
―
―
―
170
―
°C
tpLH
―
2.7
―
tpHL
IN−OUT
―
1.2
―
tpLH
―
0.7
―
tpHL
CHOP−OUT
―
2.5
―
tpLH
―
2.9
―
tpHL
ENABLE−OUT
―
1.1
―
tpLH
―
45
―
Transfer Time
tpHL
―

BRAKE
−OUT
―
45
―
µs



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com