Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TA8440F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TA8440F
Description  Full-bridge Driver (H-Switch) for DC Motor (Driver for Switching between Forward and Reverse Rotation)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA8440F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TA8440F Datasheet HTML 1Page - Toshiba Semiconductor TA8440F Datasheet HTML 2Page - Toshiba Semiconductor TA8440F Datasheet HTML 3Page - Toshiba Semiconductor TA8440F Datasheet HTML 4Page - Toshiba Semiconductor TA8440F Datasheet HTML 5Page - Toshiba Semiconductor TA8440F Datasheet HTML 6Page - Toshiba Semiconductor TA8440F Datasheet HTML 7Page - Toshiba Semiconductor TA8440F Datasheet HTML 8Page - Toshiba Semiconductor TA8440F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TA8440H/F
2001-08-29
2
PIN FUNCTION
Pin No.
H
F
SYMBOL
FUNCTIONAL DESCRIPTION
1
2
ENABLE
ENABLE terminal
2
4
IN
Forward rotation / reverse rotation switch terminal
3
5
BRAKE
BRAKE terminal
4
FIN
SG
Signal GND
5
7
CHOP
PWM signal input terminal
6
9
VCC
Power voltage supply terminal for control
7
1
VS
Power voltage supply terminal for motor driver
8
13
OUTA
Output terminal
9
15
PG
Power GND
10
14, 17
COMMON
COMMON terminal
11
16
PG
Power GND
12
18
OUT A
Output terminal
TA8440F: 3, 6, 8, 10, 11, 12, 19, 20 pin is No Connection.
FUNCTION
INPUT
OUTPUT
MODE
IN
BRAKE
ENABLE
CHOP
OUTA
OUT A
MOTOR
H
H
H
L
H
L
CW / CCW
L
H
H
L
L
H
CCW / CW
(*)
(*)
L
(*)
∞
∞
Stop
(*)
L
H
(*)
L
L
Brake
H
H
H
H
∞
L
Chop
L
H
H
H
L
∞
Chop
* :
Don’t care
∞:
High impedance
MAXIMUM RATING (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
VCC
7
Supply Voltage
VS
50
V
Input Voltage
VIN
−0.3~VCC
V
AVE
IO (AVE.)
1.5
A
Output Current
PEAK
IO (PEAK)
3.0 (Note 1)
A
2.52 (Note 2)
Power Dissipation
PD
25.0 (Note 3)
W
Operating Temperature
Topr
−30~75
°C
Storage Temperature
Tstg
−55~150
°C
Note 1: t = 100 ms
Note 2: No heat sink
Note 3: Tc = 75°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com