Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2014 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC2014
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014 Datasheet(HTML) 1 Page - Microchip Technology

  TC2014 Datasheet HTML 1Page - Microchip Technology TC2014 Datasheet HTML 2Page - Microchip Technology TC2014 Datasheet HTML 3Page - Microchip Technology TC2014 Datasheet HTML 4Page - Microchip Technology TC2014 Datasheet HTML 5Page - Microchip Technology TC2014 Datasheet HTML 6Page - Microchip Technology TC2014 Datasheet HTML 7Page - Microchip Technology TC2014 Datasheet HTML 8Page - Microchip Technology TC2014 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
 2003 Microchip Technology Inc.
DS21662C-page 1
M
Features
• Low Supply Current: 80 µA (Max)
• Low Dropout Voltage: 140 mV (Typ) @ 150 mA
• High Output Voltage Accuracy: ±0.4% (Typ)
• Standard or Custom Output Voltages
• Power-Saving Shutdown Mode
• Reference Bypass Input for Ultra Low-Noise
Operation
• Fast Shutdown Response Time: 60 µsec (Typ)
• Over-Current Protection
• Space-Saving 5-Pin SOT-23A Package
• Pin Compatible Upgrades for Bipolar Regulators
• Wide Operating Temperature Range:
-40°C to +125°C
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular / GSM / PHS Phones
• Linear Post-Regulator for SMPS
• Pagers
Package Type
General Description
The TC2014, TC2015 and TC2185 are high-accuracy
(typically ±0.4%) CMOS upgrades for bipolar low drop-
out regulators, such as the LP2980. Total supply cur-
rent is typically 55 µA; 20 to 60 times lower than in
bipolar regulators.
The key features of the device include low noise oper-
ation (plus bypass reference), low dropout voltage
– typically 45 mV for the TC2014, 90 mV for the
TC2015, and 140 mV for the TC2185, at full load – and
fast response to step changes in load. Supply current
is reduced to 0.5 µA (max) and VOUT falls to zero when
the shutdown input is low. The devices also incorporate
over-current protection.
The TC2014, TC2015 and TC2185 are stable with an
output capacitor of 1 µF and have a maximum output
current of 50 mA, 100 mA and 150 mA, respectively.
For higher output versions, see the TC1107
(DS21356),
TC1108
(DS21357)
and
TC1173
(DS21362) (IOUT = 300 mA) datasheets.
Related Literature
• Application Notes: AN765, AN766, AN776 and
AN792
Typical Application
TC2014
TC2015
TC2185
13
4
5
2
Bypass
GND
VOUT
VIN
SHDN
5-Pin SOT-23A
0.01 µF
Reference
Bypass Cap
(Optional)
Shutdown Control
(from Power Control Logic)
TC2014
TC2015
TC2185
VIN
1
2
34
5
VIN
VOUT
Bypass
SHDN
GND
VOUT
1µF
1µF
+
+
TC2014/2015/2185
50 mA, 100 mA, 150 mA CMOS LDOs with
Shutdown and Reference Bypass


Similar Part No. - TC2014

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC2014 MICROCHIP-TC2014 Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2014 MICROCHIP-TC2014 Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2014-1.8VCTTR MICROCHIP-TC2014-1.8VCTTR Datasheet
371Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC2014-1.8VCTTR MICROCHIP-TC2014-1.8VCTTR Datasheet
371Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs
11/29/12
TC2014-1.8VCTTR MICROCHIP-TC2014-1.8VCTTR Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results

Similar Description - TC2014

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2014 MICROCHIP-TC2014_13 Datasheet
371Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2001-2012 11/29/12
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com