Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2014 Datasheet(PDF) 12 Page - Microchip Technology

Part # TC2014
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014 Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC2014 Datasheet HTML 8Page - Microchip Technology TC2014 Datasheet HTML 9Page - Microchip Technology TC2014 Datasheet HTML 10Page - Microchip Technology TC2014 Datasheet HTML 11Page - Microchip Technology TC2014 Datasheet HTML 12Page - Microchip Technology TC2014 Datasheet HTML 13Page - Microchip Technology TC2014 Datasheet HTML 14Page - Microchip Technology TC2014 Datasheet HTML 15Page - Microchip Technology TC2014 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TC2014/2015/2185
DS21662C-page 12
 2003 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
&
represents part number code + temperature
range and voltage
(V)
TC2014
TC2015
TC2185
1.8
PA
RA
UA
2.5
PB
RB
UB
2.7
PC
RC
UC
2.8
PD
RD
UD
2.85
PE
RE
UE
3.0
PF
RF
UF
3.3
PG
RG
UG
represents year and 2-month period code
represents lot ID number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com