Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC2014 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC2014
Description  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC2014 Datasheet HTML 7Page - Microchip Technology TC2014 Datasheet HTML 8Page - Microchip Technology TC2014 Datasheet HTML 9Page - Microchip Technology TC2014 Datasheet HTML 10Page - Microchip Technology TC2014 Datasheet HTML 11Page - Microchip Technology TC2014 Datasheet HTML 12Page - Microchip Technology TC2014 Datasheet HTML 13Page - Microchip Technology TC2014 Datasheet HTML 14Page - Microchip Technology TC2014 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
 2003 Microchip Technology Inc.
DS21662C-page 11
TC2014/2015/2185
5.0
THERMAL CONSIDERATIONS
5.1
Power Dissipation
The amount of power the regulator dissipates is prima-
rily a function of input voltage, output voltage and
output current.
The following equation is used to calculate worst-case
power dissipation:
EQUATION
The maximum allowable power dissipation (PDMAX) is
a function of the maximum ambient temperature
(TAMAX), the maximum allowable die temperature
(TJMAX) (+125°C) and the thermal resistance from junc-
tion-to-air (
θJA). The 5-Pin SOT-23A package has a θJA
of approximately 220°C/Watt when mounted on a
typical two layer FR4 dielectric copper clad PC board.
EQUATION
The PD equation can be used in conjunction with the
PDMAX equation to ensure regulator thermal operation
is within limits. For example:
Actual power dissipation:
Maximum allowable power dissipation:
In this example, the TC2014 dissipates a maximum of
only 26.7 mW; far below the allowable limit of 318 mW.
In a similar manner, the PD equation and PDMAX equa-
tion can be used to calculate maximum current and/or
input voltage limits.
5.2
Layout Considerations
The primary path of heat conduction out of the package
is via the package leads. Therefore, layouts having a
ground plane, wide traces at the pads and wide power
supply bus lines combine to lower
θJA and, therefore,
increase the maximum allowable power dissipation
limit.
PD VINMAX VOUTMIN
–
()ILMAX
≈
Where:
PD
= Worst-case actual power dissipation
VINMAX
= Maximum voltage on VIN
VOUTMIN = Minimum regulator output voltage
ILMAX
= Maximum output (load) current
Where all terms are previously defined.
PDMAX
TJMAX TAMAX
–
θJA
---------------------------------------
=
Given:
VINMAX
= 3.0V +10%
VOUTMIN = 2.7V – 2.5%
ILOADMAX =40 mA
TJMAX
= +125°C
TAMAX
=+55°C
Find:
1. Actual power dissipation
2. Maximum allowable dissipation
PD
VINMAX VOUTMIN
–
()ILMAX
=
3.0 1.1
×
()
2.7 0.975
×
()
–
[]40 10
3
–
×
220
--------------------------------------------------------------------------------------------
=
26.7mW
=
PDMAX
TJMAX TAMAX
–
θJA
---------------------------------------
=
125 55
–
220
---------------------
=
318mW
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com