Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3984 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3984
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3984 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3984 Datasheet HTML 1Page - National Semiconductor (TI) LP3984 Datasheet HTML 2Page - National Semiconductor (TI) LP3984 Datasheet HTML 3Page - National Semiconductor (TI) LP3984 Datasheet HTML 4Page - National Semiconductor (TI) LP3984 Datasheet HTML 5Page - National Semiconductor (TI) LP3984 Datasheet HTML 6Page - National Semiconductor (TI) LP3984 Datasheet HTML 7Page - National Semiconductor (TI) LP3984 Datasheet HTML 8Page - National Semiconductor (TI) LP3984 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified: V
IN = 2.5V for 1.5, 1.8, & 2.0V options, VIN =VOUT + 0.5 for output options higher than 2.5V, CIN =
1 µF, I
OUT = 1mA, COUT = 1 µF, tantalum. Typical values and limits appearing in standard typeface are for TJ = 25˚C. Limits
appearing in boldface type apply over the entire junction temperature range for operation, −40˚C to +125˚C. (Note 7) (Note 8)
Symbol
Parameter
Conditions
Typ
Limit
Units
Min
Max
V
IL
Maximum Low Level Input
Voltage at EN
V
IN = 2.5 to 6.0V
0.4
V
V
IH
Minimum High Level Input
Voltage at EN
V
IN = 2.5 to 6.0V
1.4
V
C
OUT
Output Capacitor
Capacitance
1
22
µF
ESR
2
10
TSD
Thermal Shutdown Temperature
160
˚C
Thermal Shutdown Hysteresis
20
˚C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which operation of the device
is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the Electrical
Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pin.
Note 3: Additional information on lead temperature and pad temperature can be found in National Semiconductor Application Note (AN-1112).
Note 4: The
Absolute
Maximum
power
dissipation
depends
on
the
ambient
temperature
and
can
be
calculated
using
the
formula:
PD =(TJ -TA)/θJA,
where TJ is the junction temperature, TA is the ambient temperature, and θ JA is the junction-to-ambient thermal resistance. The 364mW rating for SOT23-5
appearing under Absolute Maximum Ratings results from substituting the Absolute Maximum junction temperature, 150˚C, for TJ, 70˚C for TA, and 220˚C/W for θJA.
More power can be dissipated safely at ambient temperatures below 70˚C . Less power can be dissipated safely at ambient temperatures above 70˚C. The Absolute
Maximum power dissipation for SOT23-5 can be increased by 4.5mW for each degree below 70˚C, and it must be derated by 4.5mW for each degree above 70˚C.
Note 5: The human body model is 100pF discharged through 1.5k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged directly into each
pin.
Note 6: Like the Absolute Maximum power dissipation, the maximum power dissipation for operation depends on the ambient temperature. The 250mW rating for
SOT23-5 appearing under Operating Ratings results from substituting the maximum junction temperature for operation, 125˚C, for TJ, 70˚C for TA, and 220˚C/W for
θJA into (Note 4) above. More power can be dissipated at ambient temperatures below 70˚C . Less power can be dissipated at ambient temperatures above 70˚C.
The maximum power dissipation for operation can be increased by 4.5mW for each degree below 70˚C, and it must be derated by 4.5mW for each degree above
70˚C.
Note 7: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TJ = 25˚C or correlated using
Statistical Quality Control (SQC) methods. All hot and cold limits are guaranteed by correlating the electrical characteristics to process and temperature variations
and applying statistical process control.
Note 8: The target output voltage, which is labeled VOUT(nom), is the desired voltage option.
Note 9: An increase in the load current results in a slight decrease in the output voltage and vice versa.
Note 10: Dropout voltage is the input-to-output voltage difference at which the output voltage is 100mV below its nominal value. This specification does not apply
for input voltages below 2.5V.
Note 11: Turn-on time is time measured between the enable input just exceeding VIH and the output voltage just reaching 95% of its nominal value.
20020408
FIGURE 1. Output AC Line Regulation Input Perturbation
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com