Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3984 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3984
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3984 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3984 Datasheet HTML 1Page - National Semiconductor (TI) LP3984 Datasheet HTML 2Page - National Semiconductor (TI) LP3984 Datasheet HTML 3Page - National Semiconductor (TI) LP3984 Datasheet HTML 4Page - National Semiconductor (TI) LP3984 Datasheet HTML 5Page - National Semiconductor (TI) LP3984 Datasheet HTML 6Page - National Semiconductor (TI) LP3984 Datasheet HTML 7Page - National Semiconductor (TI) LP3984 Datasheet HTML 8Page - National Semiconductor (TI) LP3984 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Block Diagram
20020401
Pin Descriptions
Name
µSMD
SOT
Function
V
EN
4
3
Enable Input Logic, Enable High
GND
1
2
Common Ground
V
OUT
2
5
Output Voltage of the LDO
V
IN
3
1
Input Voltage of the LDO
N.C.
4
No Connection
Connection Diagrams
SOT-23-5 Package
20020407
Top View
See NS Package Number MF05A
micro SMD, 4 Bump Package
20020470
Top View
See NS Package Number BPA04
Note: The actual physical placement of the package marking will vary from
part to part. The package marking will designate the date code. Package
marking does not correlate to device type in any way.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com