Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3984 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3984
Description  Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O micro SMD Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3984 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3984 Datasheet HTML 1Page - National Semiconductor (TI) LP3984 Datasheet HTML 2Page - National Semiconductor (TI) LP3984 Datasheet HTML 3Page - National Semiconductor (TI) LP3984 Datasheet HTML 4Page - National Semiconductor (TI) LP3984 Datasheet HTML 5Page - National Semiconductor (TI) LP3984 Datasheet HTML 6Page - National Semiconductor (TI) LP3984 Datasheet HTML 7Page - National Semiconductor (TI) LP3984 Datasheet HTML 8Page - National Semiconductor (TI) LP3984 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LP3984
Micropower, 150mA Ultra Low-Dropout CMOS Voltage
Regulator in Subminiature 4-I/O micro SMD Package
General Description
The LP3984 is designed for portable and wireless applica-
tions with demanding performance and space requirements.
The LP3984’s performance is optimized for battery powered
systems to deliver extremely low dropout voltage and low
quiescent current. Regulator ground current increases only
slightly in dropout, further prolonging the battery life.
Power supply rejection is better than 60 dB at low frequen-
cies and starts to roll off at 10 kHz. High power supply
rejection is maintained down to lower input voltage levels
common to battery operated circuits.
The device is ideal for mobile phone and similar battery
powered wireless applications. It provides up to 150 mA,
from a 2.5V to 6V input, consuming less than 1.2µA in
disable mode and has fast turn-on time less than 20µs.
The LP3984 is available in micro SMD and 5 pin SOT-23
package. Performance is specified for −40˚C to +125˚C
temperature range and is available in 1.5V, 1.8V, 2.0V, and
3.1V output voltages. For other output voltage options from
1.5V to 3.5V, please contact National Semiconductor sales
office.
Key Specifications
n
2.5 to 6.0V input range
n
150mA guaranteed output
n
60dB PSRR at 1kHz, 40dB at 10kHz @ 3.1V
IN
n
≤1.2µA quiescent current when shut down
n
Fast Turn-On time: 20 µs (typ.)
n
75mV typ dropout with 150mA load
n
−40 to +125˚C junction temperature range for operation
n
1.5V, 1.8V, 2.0V, and 3.1V
Features
n
Miniature 4-I/O micro SMD and SOT-23-5 package
n
Logic controlled enable
n
Stable with tantalum capacitors
n
1 µF Tantalum output capacitor
n
Fast turn-on
n
Thermal shutdown and short-circuit current limit
Applications
n
CDMA cellular handsets
n
Wideband CDMA cellular handsets
n
GSM cellular handsets
n
Portable information appliances
Typical Application Circuit
20020402
Note: Pin Numbers in parenthesis indicate micro SMD package.
November 2001
© 2001 National Semiconductor Corporation
DS200204
www.national.com


Similar Part No. - LP3984

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3984 POWER-LP3984 Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
logo
Lowpower Semiconductor ...
LP3984-12B5F POWER-LP3984-12B5F Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984-15B5F POWER-LP3984-15B5F Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
LP3984-18B5F POWER-LP3984-18B5F Datasheet
382Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
More results

Similar Description - LP3984

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3985 NSC-LP3985 Datasheet
570Kb / 17P
Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3988 NSC-LP3988 Datasheet
292Kb / 11P
Micropower, 150mA Ultra Low-Dropout CMOS Voltage Regulator With Power Good
logo
California Micro Device...
CM3014 CALMIRCO-CM3014 Datasheet
250Kb / 10P
MICROPOWER, 150MA LOW DROPOUT CMOS REGULATOR
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Texas Instruments
LP5951MG-1.8 TI1-LP5951MG-1.8 Datasheet
1Mb / 26P
LP5951 Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3985IM5-3.3 TI-LP3985IM5-3.3 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP3985IM5X-2.5 TI-LP3985IM5X-2.5 Datasheet
1Mb / 29P
LP3985 Micropower, 150mA Low-Noise Ultra Low-Dropout CMOS Voltage Regulator
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
LP3984 TI-LP3984_15 Datasheet
1Mb / 19P
LP3984 Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature 4-I/O DSBGA Package
LP3984 TI1-LP3984 Datasheet
1Mb / 19P
Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulator in Subminiature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com