Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8757 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8757
Description  Triple 8-bit ADC 170 Msps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8757 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8757 Datasheet HTML 14Page - NXP Semiconductors TDA8757 Datasheet HTML 15Page - NXP Semiconductors TDA8757 Datasheet HTML 16Page - NXP Semiconductors TDA8757 Datasheet HTML 17Page - NXP Semiconductors TDA8757 Datasheet HTML 18Page - NXP Semiconductors TDA8757 Datasheet HTML 19Page - NXP Semiconductors TDA8757 Datasheet HTML 20Page - NXP Semiconductors TDA8757 Datasheet HTML 21Page - NXP Semiconductors TDA8757 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Philips Semiconductors
TDA8757
Triple 8-bit ADC 170 Msps
Preliminary data
Rev. 07 — 28 February 2002
18 of 37
9397 750 09457
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
The default programmed value is:
• Programmed code = 127
• Clamp code = 0
• ADC output = 0.
9.1.3
Coarse and Fine registers
These two registers enable the gain control: the AGC gain with the coarse register,
and the reference voltage with the fine register. The coarse register programming
equation is as follows:
(3)
Where: Vref = 2.5 V.
The gain correspondence is given in Table 6. The gain is linear with reference to the
programming code (NFINE = 0).
The default programmed value is as follows:
• NCOARSE =32
• Gain = 0.825
• Vi to be full-scale = 1.212.
Table 5:
Coding
Programmed code
Clamp code
ADC output
0
−63.5
underflow
1
−63
2
−62.5
...
...
127
0
0
...
...
...
254
63.5
63 or 64
255
64
64
256
120
120
...
...
...
287
136
136
Table 6:
Typical gain correspondence (COARSE)
NCOARSE
Gain
Vi to be full-scale (V)
32
0.825
1.212
99
2.5
0.4
GAIN
N
COARSE
1
+
V
ref
1
N
FINE
32
16
×
------------------
–


⋅
------------------------------------------------





1
16
------
×
N
COARSE
1
+
V
ref . 512
N
FINE
–
()
------------------------------------------------


32
×
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com