Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8757 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDA8757
Description  Triple 8-bit ADC 170 Msps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8757 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDA8757 Datasheet HTML 22Page - NXP Semiconductors TDA8757 Datasheet HTML 23Page - NXP Semiconductors TDA8757 Datasheet HTML 24Page - NXP Semiconductors TDA8757 Datasheet HTML 25Page - NXP Semiconductors TDA8757 Datasheet HTML 26Page - NXP Semiconductors TDA8757 Datasheet HTML 27Page - NXP Semiconductors TDA8757 Datasheet HTML 28Page - NXP Semiconductors TDA8757 Datasheet HTML 29Page - NXP Semiconductors TDA8757 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Philips Semiconductors
TDA8757
Triple 8-bit ADC 170 Msps
Preliminary data
Rev. 07 — 28 February 2002
26 of 37
9397 750 09457
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
ENOB [2]
effective number of bits
−
7.4
−
bits
Signal-to-noise ratio
S/N
signal-to-noise ratio
fclk = 170 MHz
−
46
−
dB
Spurious free dynamic range
SFDR
spurious free dynamic range
fclk = 170 MHz
−
57
−
dB
Clock timing output (CKDATA)
ηext
ADC clock duty factor
45
50
55
%
fclk(max)
maximum clock frequency
−−
170
MHz
Clock timing input (CKEXT)
fclk(max)
maximum clock frequency
−−
170
MHz
tCPH
clock pulse width HIGH
2.5
−−
ns
tCPL
clock pulse width LOW
2.5
−−
ns
Data timing [3]
td(s)
sampling delay time
all times referenced to 50% of
the rising edge of CKDATA; see
Figure 10
−−7.5
−
ns
tsu(d)(o)
output data set-up time
−−7
−
ns
th(o)
output hold time
−
1
−
ns
3-state output delay time
tdZH
output enable HIGH
−
15
−
ns
tdZL
output enable LOW
−
18
−
ns
tdHZ
output disable HIGH
−
13
−
ns
tdLZ
output disable LOW
−
10
−
ns
Data and sync outputs
VOL
LOW-level output voltage
Io =1mA
−−
0.4
V
VOH
HIGH-level output voltage
Io =1mA
2.4
−−
V
IOL
LOW-level output current
VOL = 0.2 V
−
0.2
−
mA
IOH
HIGH-level output current
VOH = 3.4 V
−
0.3
−
mA
CL
load capacitance
−
10
−
pF
TTL digital inputs (CKREF, COAST, INV, HSYNC, CLP, PD, DIS, I2C/3W, OE, CKEXT)
VIL
LOW-level input voltage
−−
0.8
V
VIH
HIGH-level input voltage
2.0
−−
V
IIL
LOW-level input current
−
400
−µA
IIH
HIGH-level input current
−
35
−µA
Zi
input impedance
−
tbf
−
k
Ω
Ci
input capacitance
−
tbf
−
pF
Sync on green input
Vsync(G)
sync on green pulse amplitude [4]
Slevel = 0; see Figure 5
300
−
600
mV
Slevel = 1; see Figure 5
150
−
300
mV
Table 17: Characteristics…continued
VCCA = 4.75 V to 5.25 V (referenced to AGND); VCCD = 4.75 V to 5.25 V (referenced to DGND); VDDD = 4.75 V to 5.25 V
(referenced to VSSD); VCCO = 4.75 V to 5.25 V (referenced to OGND); AGND, DGND, OGND and VSS connected together;
Tamb = 0 to 70 °C; typical values measured at VCCA =VDDD =VCCD =VCCO = 5 V and Tamb =25 °C; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com