Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA8757 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA8757
Description  Triple 8-bit ADC 170 Msps
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8757 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA8757 Datasheet HTML 17Page - NXP Semiconductors TDA8757 Datasheet HTML 18Page - NXP Semiconductors TDA8757 Datasheet HTML 19Page - NXP Semiconductors TDA8757 Datasheet HTML 20Page - NXP Semiconductors TDA8757 Datasheet HTML 21Page - NXP Semiconductors TDA8757 Datasheet HTML 22Page - NXP Semiconductors TDA8757 Datasheet HTML 23Page - NXP Semiconductors TDA8757 Datasheet HTML 24Page - NXP Semiconductors TDA8757 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Philips Semiconductors
TDA8757
Triple 8-bit ADC 170 Msps
Preliminary data
Rev. 07 — 28 February 2002
21 of 37
9397 750 09457
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
The default programmed value is as follows:
• No external clock: bit ‘Ckext’ is logic 0
• Phase shift for CKDATA is 0 degrees.
9.1.8
DEMUX register
The default programming is:
• Outputs forced to logic 0 during CLP and HSYNC pulses: bit ‘Blk’ = 1
• CKREFO with positive polarity: bit ‘Ckrp’ = 0
• CKDATA not reversed: bit ‘Ckdp’ = 0
• CKDATA not delayed: bit ‘Ckdd’ = 0
• De-multiplexed outputs: bit ‘Dmx’ = 1
• Interleaved outputs: bit ‘Shift’ = 1
• Odd pixels on port A: bit ‘Odda’ = 1.
9.1.9
Power-down mode
• When the supply is completely switched off, the registers are set to their default
values; in that event they have to be reprogrammed if the required settings are
different (e.g. through an EEPROM)
• When the device is in Power-down mode (pin PD = HIGH), the previously
programmed register values remain unaffected.
9.2 I2C-bus protocol
The address of the circuit for the I2C-bus is 1001 1XX0.
Bits ‘A1’ and ‘A0’ are fixed by the potential on pins A2 and A1. Bit ‘RW’ must always
be equal to logic 0 because it is not possible to read the data in the register. The
timing and protocol for the I2C-bus are standard. Two sequences are available;
see Table 13 and 14.
Table 11: Phase registers bits
P4
P3
P2
P1
P0
Phase shift (deg)
000000
00001
11.25
...
...
...
...
...
...
11110
337.5
11111
348.75
Table 12: Register format
A6
A5
A4
A3
A2
A1
A0
RW
10011A2
A1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com