Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4209 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4209
Description  DC Motor Driver for Servo Driver Applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4209 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4209 Datasheet HTML 1Page - Infineon Technologies AG TLE4209 Datasheet HTML 2Page - Infineon Technologies AG TLE4209 Datasheet HTML 3Page - Infineon Technologies AG TLE4209 Datasheet HTML 4Page - Infineon Technologies AG TLE4209 Datasheet HTML 5Page - Infineon Technologies AG TLE4209 Datasheet HTML 6Page - Infineon Technologies AG TLE4209 Datasheet HTML 7Page - Infineon Technologies AG TLE4209 Datasheet HTML 8Page - Infineon Technologies AG TLE4209 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Data Sheet
1
2000-09-05
Type
Package
TLE 4209
P-DIP-8-4
DC Motor Driver for Servo Driver Applications
TLE 4209
1
Overview
1.1
Features
• Optimized for headlight beam control applications
• Delivers up to 0.8 A
• Low saturation voltage;
typ. 1.2 V total @ 25
°C; 0.4A
• Output protected against short circuit
• Overtemperature protection with hysteresis
• Over- and undervoltage lockout
• No crossover current
• Internal clamp diodes
1.2
Description
The TLE 4209 is a fully protected H-Bridge Driver designed specifically for automotive
headlight beam control and industrial servo control applications.
The part is built using Infineons bipolar high voltage power technology DOPL.
The device is available in a P-DIP-8-4 package.
The servo-loop-parameter pos.- and neg. Hysteresis, pos.- and neg. deadband and
angle-amplification are programmable with external resitors.
An internal window-comparator controls the input line. In the case of a fault condition,
like short circuit to GND, short circuit to supply-voltage, and broken wire, the
TLE 4209 stops the motor immediately (brake condition).
Furthermore the built in features like over- and undervoltage-lockout, short-circuit-
protection and over-temperature-protection will open a wide range of automotive- and
industrial applications.


Similar Part No. - TLE4209

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
TLE4209A INFINEON-TLE4209A Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4209G INFINEON-TLE4209G Datasheet
333Kb / 15P
Automotive Power
Rev. 1.3, February 2008
TLE4209G INFINEON-TLE4209G Datasheet
469Kb / 15P
0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
More results

Similar Description - TLE4209

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
1-A DC Motor Driver for Servo Driver Applications
logo
ON Semiconductor
MC33030 ONSEMI-MC33030_06 Datasheet
214Kb / 17P
DC Servo Motor Controller/Driver
June, 2006 ??Rev. 6
logo
Infineon Technologies A...
TLE4206G INFINEON-TLE4206G Datasheet
607Kb / 15P
1-A DC Motor Driver for Servo Driver Applications TLE 4206G
V1.1 2007-08-10
TLE4209A INFINEON-TLE4209A Datasheet
329Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.1, 2007-07-24
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4209A INFINEON-TLE4209A_16 Datasheet
404Kb / 14P
DC Motor Driver for Servo Driver Applications
Rev.1.2, 2016-07-25
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
TLE4726G INFINEON-TLE4726G_17 Datasheet
469Kb / 15P
0.8A DC Motor Driver for Servo Driver Applications
Rev. 1.4, May 2017
logo
IK Semicon Co., Ltd
IK8508 IKSEMICON-IK8508 Datasheet
723Kb / 12P
DC Motor Driver for Servo Driver Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com