Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS55166 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 1 Page - Texas Instruments

  TMS55166 Datasheet HTML 1Page - Texas Instruments TMS55166 Datasheet HTML 2Page - Texas Instruments TMS55166 Datasheet HTML 3Page - Texas Instruments TMS55166 Datasheet HTML 4Page - Texas Instruments TMS55166 Datasheet HTML 5Page - Texas Instruments TMS55166 Datasheet HTML 6Page - Texas Instruments TMS55166 Datasheet HTML 7Page - Texas Instruments TMS55166 Datasheet HTML 8Page - Texas Instruments TMS55166 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
1
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
D Organization:
DRAM: 262 144 Words
× 16 Bits
SAM: 256 Words
× 16 Bits
D Single 5.0-V Power Supply (±10%)
D Dual-Port Accessibility – Simultaneous and
Asynchronous Access From the DRAM and
Serial-Address Memory (SAM) Ports
D Write-Per-Bit Function for Selective Write to
Each I/O of the DRAM Port
D Byte Write Function for Selective Write to
Lower Byte (DQ0 – DQ7) or Upper Byte
(DQ8 – DQ15) of the DRAM Port
D 4-Column or 8-Column Block-Write
Function for Fast Area - Fill Operations
D Enhanced Page Mode for Faster Access
With Extended-Data-Output (EDO) Option
for Faster System Cycle Time
D CAS-Before-RAS (CBR) and Hidden
Refresh Functions
D Long Refresh Period – Every 8 ms
(Maximum)
D Full-Register-Transfer Function Transfers
Data from the DRAM to the Serial Register
D Split-Register-Transfer Function Transfers
Data from the DRAM to One-Half of the
Serial Register While the Other Half is
Outputing Data to the SAM Port
D 256 Selectable Serial Register Starting
Points
D Programmable Split-Register Stop Point
D Up to 55-MHz Uninterrupted Serial-Data
Streams
D 3-State Serial Outputs for Easy Multiplexing
of Video Data Streams
D All Inputs/Outputs and Clocks TTL
Compatible
D Compatible With JEDEC Standards
D Designed to Work With the Texas
Instruments (TI
) Graphics Family
D Fabricated Using TI’s Enhanced
Performance Implanted CMOS (EPIC
)
Process
performance ranges
ACCESS TIME
ROW ENABLE
tRAC
(MAX)
ACCESS TIME
SERIAL DATA
tSCA
(MIN)
DRAM PAGE
CYCLE TIME
tPC
(MIN)
DRAM EDO
CYCLE TIME
tPC
(MIN)
SERIAL
CYCLE TIME
tSCC
(MIN)
OPERATING CURRENT
SERIAL PORT STANDBY
lCC1
(MAX)
– 60 Speed
60 ns
15 ns
35 ns
30 ns
18 ns
180 mA
– 70 Speed
70 ns
20 ns
40 ns
30 ns
22 ns
165 mA
Table 1. Device Option Table
DEVICE
POWER SUPPLY VOLTAGE
BLOCK-WRITE CAPABILITY
PAGE / EDO OPERATION
55165
5.0 V
± 0.5 V
4 -column
Page
55166
5.0 V
± 0.5 V
4 -column
EDO
55175
5.0 V
± 0.5 V
8 - column
Page
55176
5.0 V
± 0.5 V
8 - column
EDO
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI and EPIC are trademarks of Texas Instruments Incorporated.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1995, Texas Instruments Incorporated


Similar Part No. - TMS55166

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-60DGH TI-TMS55160-60DGH Datasheet
1Mb / 67P
262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-70DGH TI-TMS55160-70DGH Datasheet
1Mb / 67P
262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55160-70DGHR TI-TMS55160-70DGHR Datasheet
1Mb / 67P
262144 BY 16-BIT MULTIPORT VIDEO RAMS
TMS55161 TI-TMS55161 Datasheet
1Mb / 67P
262144 BY 16-BIT MULTIPORT VIDEO RAMS
More results

Similar Description - TMS55166

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
logo
Texas Instruments
SMJ44C251 TI-SMJ44C251 Datasheet
950Kb / 53P
262144 BY 4-BIT MULTIPORT VIDEO RAM
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
262144 BY 16-BIT MULTIPORT VIDEO RAMS
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
262144 BY 16-BIT MULTIPORT VIDEO RAM
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com