Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS55166 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMS55166 Datasheet HTML 14Page - Texas Instruments TMS55166 Datasheet HTML 15Page - Texas Instruments TMS55166 Datasheet HTML 16Page - Texas Instruments TMS55166 Datasheet HTML 17Page - Texas Instruments TMS55166 Datasheet HTML 18Page - Texas Instruments TMS55166 Datasheet HTML 19Page - Texas Instruments TMS55166 Datasheet HTML 20Page - Texas Instruments TMS55166 Datasheet HTML 21Page - Texas Instruments TMS55166 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
18
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
4-column block write (TMS5516x)
The 4-column block-write function allows up to 64 bits of data to be written simultaneously to one row of the
memory array. This function is implemented as 4 columns
× 4 DQs and repeated in four quadrants. In this
manner, each of the four one-megabit quadrants can have up to four consecutive columns written at a time with
up to four DQs per column (see Figure 8).
DQ4
DQ14
DQ0
Four Consecutive Columns of 0 – 511
DQ1
DQ2
DQ3
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ15
4th Quadrant
3rd Quadrant
2nd Quadrant
1st Quadrant
One Row of 0 – 511
Figure 8. 4-Column Block-Write Operation
Each one-megabit quadrant has a 4-bit column mask to mask off any or all of the four columns from being written
with data. Nonpersistent write-per-bit or persistent write-per-bit functions can be applied to the block-write
operation to provide write-masking options. Write data (color data) is provided by four bits from the on-chip color
register. Bits 0 – 3 from the 16-bit write-mask register, bits 0 – 3 from the 16-bit column-mask register, and bits
0 – 3 from the 16-bit color-data register configure the block write for the first quadrant, while bits 4 – 7, 8 – 11,
and 12 – 15 of the corresponding registers control the other quadrants in a similar fashion (see Figure 9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com