Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS55166 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS55166
Description  262144 BY 16-BIT MULTIPORT VIDEO RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS55166 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS55166 Datasheet HTML 20Page - Texas Instruments TMS55166 Datasheet HTML 21Page - Texas Instruments TMS55166 Datasheet HTML 22Page - Texas Instruments TMS55166 Datasheet HTML 23Page - Texas Instruments TMS55166 Datasheet HTML 24Page - Texas Instruments TMS55166 Datasheet HTML 25Page - Texas Instruments TMS55166 Datasheet HTML 26Page - Texas Instruments TMS55166 Datasheet HTML 27Page - Texas Instruments TMS55166 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
TMS55165, TMS55166, TMS55175, TMS55176
262144 BY 16-BIT MULTIPORT VIDEO RAM
SMVS463 – DECEMBER 1995
24
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
8-column block write (continued)
A block-write cycle is entered in a manner similar to a DRAM write cycle except DSF is held high on the falling
edge of CAS. As in a DRAM write operation, WEL and WEU enable the corresponding lower and upper DRAM
DQ bytes to be written, respectively. The column-mask data is input via the DQs and is latched on either the
falling edge of CAS or the first falling edge of WEx, whichever occurs later. The 16-bit color-data register must
be loaded prior to performing a block write as described below. Refer to the write-per-bit section for details on
use of the write-mask capability allowing additional performance options.
Example of block write:
block-write column address
=
110000000 (A0 – A8 from left to right)
bit 0
bit 15
color-data register =
10111011
11000111
write-mask register =
11101111
11111011
column-mask register =
11110000
01111010
Lower
Byte
Upper
Byte
Column-address bits A0 – A2 are ignored. Block 0 (columns 0 – 7) is selected for both bytes. The lower byte has
DQ0 – DQ2 and DQ4 – DQ7 written with bits 0 – 2 and 4 – 7 from the color-data register to columns 0 – 3. Columns
4 – 7 are not written and retain their previous data due to the column-mask bits 4 – 7 being 0. DQ3 is not written
and retains its previous data due to the write-mask bit 3 being 0.
The upper byte has DQ8 – DQ12 and DQ14 – DQ15 written with bits 8 – 12 and 14 – 15 from the color-data
register to columns 1 – 4 and 6. Columns 0, 5, and 7 are not written and retain their previous data due to the
column-mask bits 8, 13, and 15 being 0. DQ13 is not written and retains its previous data due to the
write-mask-register bit 13 being 0. If the previous data was all 0s, the upper byte would contain the data pattern
in Figure 15 after the 8–column block-write operation shown in the example.
DQ14
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ15
Upper Byte
0 1 1 1 1 0 1 0
0 1 1 1 1 0 1 0
0 0 0 0 0 0 0 0
0 0 0 0 0 0 0 0
0 0 0 0 0 0 0 0
0 0 0 0 0 0 0 0
0 1 1 1 1 0 1 0
0 1 1 1 1 0 1 0
0 1 2 3 4 5 6 7
Columns
Figure 15. Example of Upper Byte After 8-Column Block-Write Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com