Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL-232RG-VIP-WE Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # TTL-232RG-VIP-WE
Description  TTL to USB Serial Converter Generic Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232RG-VIP-WE Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button TTL-232RG-VIP-WE Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 9Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 10Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 11Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 12Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 13Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 14Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Copyright © Future Technology Devices International Limited
10
Document Reference No.: FT_000188
TTL TO USB SERIAL CONVERTER GENERIC CABLES Datasheet
Version 1.4
Clearance No.: FTDI# 129
4.2.3 TTL-232RG-VREG1V8-WE Electrical Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC
Output Power Voltage
1.32
1.62
1.8
V
IO
Output Power Current
100
mA
100mA for output powerless
than 3.0V
T
Operating Temperature
Range
-40
+85
oC
Table 4.6 TTL-232RG-VREG1V8 I/O Operating Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
1.32
1.62
1.8
V
I source = 6mA
Vol
Output Voltage Low
0.06
0.1
0.18
V
I sink = 6mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
VHys
Input Switching Hysteresis
20
25
30
mV
Table 4.7 TTL-232RG-VREG1V8-WE I/O Pin Characteristics
4.2.4 TTL-232RG-VSW5V-WE Electrical Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
VCC
Output Power Voltage
4.25
5.0
5.25
V
IO
Supply Current
-
450
mA
Must be less than 2.5mA
during suspend.
T
Operating Temperature
Range
-40
+85
oC
Table 4.8 TTL-232RG-VSW5V-WE I/O Operating Parameters
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Voh
Output Voltage High
3.2
4.1
4.9
V
I source = 6mA
Vol
Output Voltage Low
0.3
0.4
0.6
V
I sink = 6mA
Vin
Input Switching Threshold
1.0
1.2
1.5
V
VHys
Input Switching Hysteresis
20
25
30
mV
Table 4.9 TTL-232RG-VSW5V-WE I/O Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com