Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL-232RG-VIP-WE Datasheet(PDF) 15 Page - Future Technology Devices International Ltd.

Part # TTL-232RG-VIP-WE
Description  TTL to USB Serial Converter Generic Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232RG-VIP-WE Datasheet(HTML) 15 Page - Future Technology Devices International Ltd.

Back Button TTL-232RG-VIP-WE Datasheet HTML 10Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 11Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 12Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 13Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 14Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 15Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 16Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 17Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 18Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Copyright © Future Technology Devices International Limited
14
Document Reference No.: FT_000188
TTL TO USB SERIAL CONVERTER GENERIC CABLES Datasheet
Version 1.4
Clearance No.: FTDI# 129
Appendix A - Cable EEPROM Configuration
Each TTL-232RG cable is controlled by the FTDI FT232R IC. This FT232R device contains an EEPROM
which contains the USB configuration descriptors for that device. When the cable is plugged into a PC or a
USB reset is performed, the PC will read these descriptors. The default values stored into the internal
EEPROM are defined in the following table
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product UD (PID)
6001h
FTDI default PID (hex)
Serial Number Enabled?
Yes
Serial Number
See Note
A unique serial number is generated and programmed into
the EEPROM during device final test.
Pull down I/O Pins in USB
Suspend
Disabled
Enabling this option will make the device pull down on the
UART interface lines when the power is shut off (PWREN#
is high).
Manufacturer Name
FTDI
Product Description
See note
Product description depends on the cable. The following
lists a few of the Product description for each different
cable.
TTL-232RG-VSW3V3
TTL-232RG-VREG3V3
TTL-232RG-VREG1V8
TTL-232RG-VREGxVx
TTL-232RG-VIP
Max Bus Power Current
90mA
Power Source
Bus Powered
Device Type
FT232R
USB Version
0200
Returns USB 2.0 device description to the host.
Note: The device is a USB 2.0 Full Speed device (12Mb/s).
Remote Wake Up
Disabled
500uA suspend limit when in this state
High Current I/Os
Enabled
Enables the high drive level on the UART and CBUS I/O
pins.
Load VCP Driver
Enabled
Makes the device load the VCP driver interface for the
device.
Invert TXD
Disabled
Signal on this pin becomes TXD# if enable.
Invert RXD
Disabled
Signal on this pin becomes RXD# if enable.
Invert RTS#
Disabled
Signal on this pin becomes RTS if enable.
Invert CTS#
Disabled
Signal on this pin becomes CTS if enable.
Default Internal EEPROM Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com