Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TTL-232RG-VIP-WE Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # TTL-232RG-VIP-WE
Description  TTL to USB Serial Converter Generic Cable
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

TTL-232RG-VIP-WE Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  TTL-232RG-VIP-WE Datasheet HTML 1Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 2Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 3Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 4Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 5Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 6Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 7Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 8Page - Future Technology Devices International Ltd. TTL-232RG-VIP-WE Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Copyright © Future Technology Devices International Limited
3
Document Reference No.: FT_000188
TTL TO USB SERIAL CONVERTER GENERIC CABLES Datasheet
Version 1.4
Clearance No.: FTDI# 129
hence the signal levels on the wires. This makes the generic cable customisable to whatever output voltage
the customer interface is operating at 1.8V to 5.25V range.
FTDI supports customised end connector designs. For more information, please contact
your local FTDI sales office
(see end of datasheet for contact details).
1.2 Certifications
The FTDI TTL-232RG range of generic cables is fully RoHS compliant and FCC/CE approved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com