Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660IM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPC660IM
Description  Low Power CMOS Quad Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPC660IM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LPC660IM Datasheet HTML 1Page - National Semiconductor (TI) LPC660IM Datasheet HTML 2Page - National Semiconductor (TI) LPC660IM Datasheet HTML 3Page - National Semiconductor (TI) LPC660IM Datasheet HTML 4Page - National Semiconductor (TI) LPC660IM Datasheet HTML 5Page - National Semiconductor (TI) LPC660IM Datasheet HTML 6Page - National Semiconductor (TI) LPC660IM Datasheet HTML 7Page - National Semiconductor (TI) LPC660IM Datasheet HTML 8Page - National Semiconductor (TI) LPC660IM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. Boldface limits apply at the temperature extremes. V
+ = 5V, V−
= 0V, V
CM = 1.5V, VO = 2.5, and RL > 1M unless otherwise specified.
Parameter
Conditions
Typ
LPC660AM
LPC660AI
LPC660I
Units
LPC660AMJ/883
Limit
Limit
Limit
(Notes 4, 8)
(Note 4)
(Note 4)
Slew Rate
(Note 6)
0.11
0.07
0.07
0.05
V/µs
0.04
0.05
0.03
min
Gain-Bandwidth Product
0.35
MHz
Phase Margin
50
Deg
Gain Margin
17
dB
Amp-to-Amp Isolation
(Note 7)
130
dB
Input Referred Voltage Noise
F = 1 kHz
42
Input Referred Current Noise
F = 1 kHz
0.0002
Total Harmonic Distortion
F = 1 kHz, A
V = −10
0.01
%
R
L = 100 kΩ,VO = 8VPP
Note 1: Applies to both single supply and split supply operation. Continuous short circuit operation at elevated ambient temperature and/or multiple Op Amp shorts
can result in exceeding the maximum allowed junction temperature of 150˚C. Output currents in excess of ±30 mA over long term may adversely affect reliability.
Note 2: The maximum power dissipation is a function of TJ(max), θJA and TA. The maximum allowable power dissipation at any ambient temperature is PD =
(TJ(max)–TA)θJA.
Note 3: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is in-
tended to be functional, but do not guarantee specific performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics. The
guaranteed specifications apply only for the test conditions listed.
Note 4: Limits are guaranteed by testing or correlation.
Note 5: V+ = 15V, VCM = 7.5V and RL connected to 7.5V. For Sourcing tests, 7.5V ≤ VO ≤ 11.5V. For Sinking tests, 2.5V ≤ VO ≤ 7.5V.
Note 6: V+ = 15V. Connected as Voltage Follower with 10V step input. Number specified is the slower of the positive and negative slew rates.
Note 7: Input referred. V+ = 15V and RL = 100 kΩ connected to V
+/2. Each amp excited in turn with 1 kHz to produce V
O = 13 VPP.
Note 8: A military RETS electrical test specification is available on request. At the time of printing, the LPC660AMJ/883 RETS specification complied fully with the
boldface limits in this column. The LPC660AMJ/883 may also be procured to a Standard Military Drawing specification.
Note 9: For operating at elevated temperatures, the device must be derated based on the thermal resistance
θJA with PD = (TJ–TA)/θJA.
Note 10: All numbers apply for packages soldered directly into a PC board.
Note 11: Do not connect output to V+when V+ is greater than 13V or reliability may be adversely affected.
Typical Performance Characteristics V
S = ± 7.5V, TA = 25˚C unless otherwise specified
Supply Current
vs Supply Voltage
DS010547-27
Input Bias Current
vs Temperature
DS010547-28
Common-Mode Voltage
Range vs Temperature
DS010547-29
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com