Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660IM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPC660IM
Description  Low Power CMOS Quad Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPC660IM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LPC660IM Datasheet HTML 9Page - National Semiconductor (TI) LPC660IM Datasheet HTML 10Page - National Semiconductor (TI) LPC660IM Datasheet HTML 11Page - National Semiconductor (TI) LPC660IM Datasheet HTML 12Page - National Semiconductor (TI) LPC660IM Datasheet HTML 13Page - National Semiconductor (TI) LPC660IM Datasheet HTML 14Page - National Semiconductor (TI) LPC660IM Datasheet HTML 15Page - National Semiconductor (TI) LPC660IM Datasheet HTML 16Page - National Semiconductor (TI) LPC660IM Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Typical Single-Supply Applications (V+ = 5.0 V
DC) (Continued)
10 Hz Bandpass Filter
DS010547-13
fO = 10 Hz
Q = 2.1
Gain = −8.8
10 Hz High-Pass Filter (2 dB Dip)
DS010547-14
fc = 10 Hz
d = 0.895
Gain = 1
1 Hz Low-Pass Filter
(Maximally Flat, Dual Supply Only)
DS010547-15
High Gain Amplifier with Offset Voltage Reduction
DS010547-16
Gain = −46.8
Output offset voltage reduced to the level of the input offset voltage of the
bottom amplifier (typically 1 mV), referred to VBIAS.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com