Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC660IM Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LPC660IM
Description  Low Power CMOS Quad Operational Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LPC660IM Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LPC660IM Datasheet HTML 8Page - National Semiconductor (TI) LPC660IM Datasheet HTML 9Page - National Semiconductor (TI) LPC660IM Datasheet HTML 10Page - National Semiconductor (TI) LPC660IM Datasheet HTML 11Page - National Semiconductor (TI) LPC660IM Datasheet HTML 12Page - National Semiconductor (TI) LPC660IM Datasheet HTML 13Page - National Semiconductor (TI) LPC660IM Datasheet HTML 14Page - National Semiconductor (TI) LPC660IM Datasheet HTML 15Page - National Semiconductor (TI) LPC660IM Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Typical Single-Supply Applications (V+ = 5.0 V
DC) (Continued)
Low-Leakage Sample-and-Hold
DS010547-8
Instrumentation Amplifier
DS010547-9
For good CMRR over temperature, low drift resistors should be used. Matching of R3 to R6 and R4 to R7 affects CMRR. Gain may be adjusted through R2.
CMRR may be adjusted through R7.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com