Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT3834A Datasheet(PDF) 39 Page - Micronas

Part # VCT3834A
Description  Video/Controller/Teletext IC Family
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3834A Datasheet(HTML) 39 Page - Micronas

Back Button VCT3834A Datasheet HTML 35Page - Micronas VCT3834A Datasheet HTML 36Page - Micronas VCT3834A Datasheet HTML 37Page - Micronas VCT3834A Datasheet HTML 38Page - Micronas VCT3834A Datasheet HTML 39Page - Micronas VCT3834A Datasheet HTML 40Page - Micronas VCT3834A Datasheet HTML 41Page - Micronas VCT3834A Datasheet HTML 42Page - Micronas VCT3834A Datasheet HTML 43Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 172 page
background image
ADVANCE INFORMATION
VCT 38xxA
Micronas
39
h’57
9
w v
end of horizontal blanking
bit [8:0]
0..511
48 HBSO
h’62
h’66
h’6a
9
9
9
w v
w v
w v
PLL2/3 filter coefficients, 1of5 bit code (n+ set bit number)
bit [5:0]
proportional coefficient PLL3, 2−n−1
bit [5:0]
proportional coefficient PLL2, 2−n−1
bit [5:0]
integral coefficient PLL2, 2−n−5
2
1
2
PKP3
PKP2
PKI2
h’15
16
w/r
horizontal drive and vertical signal control register
bit [5:0]
0..63
horizontal drive pulse duration in
µs
(internally limited to 4..61)
bit [6]
0/1
disable/enable horizontal PLL2 and PLL3
bit [7]
0/1
1: disable horizontal drive pulse during
flyback
bit [8]
reserved, set to ’0’
bit [9]
0/1
enable/disable ultra black blanking
bit [10]
0/1
0: all outputs blanked
1: normal mode
bit [11]
0/1
enable/disable clamping for analog RGB
input
bit [12]
0/1
disable/enable vertical free running mode
(FIELD is set to field2, no interlace)
bit [13]
0/1
enable/disable vertical protection
bit [14]
reserved, set to ’0’
bit [15]
0/1
disable/enable phase shift of display clock
32
0
0
0
0
1
0
0
0
0
1
HVC
HDRV
EHPLL
EFLB
DUBL
EBL
DCRGB
SELFT
DVPR
DISKA
h’9d
8
w/r
sync output control
bit [0]
invert INTLC
bit [4:1]
reserved, set to ’0’
bit [5]
force INTLC to polarity defined in ‘INTLCINV’
0SYCTRL
INTLCINV
INTLCFO
Miscellaneous
h’32
8
w/r
Fast-Blank interface mode
bit [0]
0
internal Fast-Blank from FBLIN pin
1
force internal Fast-Blank signal to High
bit [1]
0/1
internal Fast-Blank active High/Low
bit [2]
0/1
disable/enable clamping reference for
RGB outputs
bit [3]
1
full line MADC measurement window,
disables bit [3] in address h’25
bit [4]
0/1
horizontal flyback input active High/Low
bit [6:5]
reserved (set to 0)
bit [7]
vertical output select
0
VERTQ output
1
INTLC output
0FBMOD
FBFOH
FBPOL
CLMPR
FLMW
FLPOL
VOS
h’4b
9
w v
Fast-Blank input, priority mask register
bit [7:0]
0/1
disable/enable analog Fast-Blank input
0PBFB 1)
I2C Sub
address
Number
of bits
Mode
Function
Default
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com