Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT3834A Datasheet(PDF) 13 Page - Micronas

Part # VCT3834A
Description  Video/Controller/Teletext IC Family
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3834A Datasheet(HTML) 13 Page - Micronas

Back Button VCT3834A Datasheet HTML 9Page - Micronas VCT3834A Datasheet HTML 10Page - Micronas VCT3834A Datasheet HTML 11Page - Micronas VCT3834A Datasheet HTML 12Page - Micronas VCT3834A Datasheet HTML 13Page - Micronas VCT3834A Datasheet HTML 14Page - Micronas VCT3834A Datasheet HTML 15Page - Micronas VCT3834A Datasheet HTML 16Page - Micronas VCT3834A Datasheet HTML 17Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 172 page
background image
ADVANCE INFORMATION
VCT 38xxA
Micronas
13
2.4. Color Decoder
In this block, the standard luma/chroma separation and
multi-standard color demodulation is carried out. The
color demodulation uses an asynchronous clock, thus
allowing a unified architecture for all color standards.
A block diagram of the color decoder is shown in Fig.
2–3. The luma as well as the chroma processing, is
shown here. The color decoder provides also some
special modes, e.g. wide band chroma format which is
intended for S-VHS wide bandwidth chroma.
If the adaptive comb filter is used for luma chroma sep-
aration, the color decoder uses the S-VHS mode pro-
cessing. The output of the color decoder is YCrCb in a
4:2:2 format.
Fig. 2–3: Color decoder
2.4.1. IF-Compensation
With off-air or mistuned reception, any attenuation at
higher frequencies or asymmetry around the color
subcarrier is compensated. Four different settings of
the IF-compensation are possible:
– flat (no compensation)
– 6 dB/octave
– 12 dB/octave
– 10 dB/MHz
The last setting gives a very large boost to high fre-
quencies. It is provided for SECAM signals that are
decoded using a SAW filter specified originally for the
PAL standard.
Fig. 2–4: Frequency response of chroma IF-com-
pensation
ColorPLL/ColorACC
1 H Delay
CrossSwitch
Notch
Filter
Luma / CVBS
Luma
Chroma
Mixer
Low-pass Filter
Phase/Freq
Demodulator
ACC
Chroma
IF Compensation
DC-Reject



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com