Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCT3834A Datasheet(PDF) 21 Page - Micronas

Part # VCT3834A
Description  Video/Controller/Teletext IC Family
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

VCT3834A Datasheet(HTML) 21 Page - Micronas

Back Button VCT3834A Datasheet HTML 17Page - Micronas VCT3834A Datasheet HTML 18Page - Micronas VCT3834A Datasheet HTML 19Page - Micronas VCT3834A Datasheet HTML 20Page - Micronas VCT3834A Datasheet HTML 21Page - Micronas VCT3834A Datasheet HTML 22Page - Micronas VCT3834A Datasheet HTML 23Page - Micronas VCT3834A Datasheet HTML 24Page - Micronas VCT3834A Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 172 page
background image
ADVANCE INFORMATION
VCT 38xxA
Micronas
21
2.10.4.Digital Brightness Adjustment
The DC-level of the luminance signal can be adjusted
by adding an 8-bit number in the luminance signal path
in front of the softlimiter.
With a contrast adjustment of 32 (gain+1) the signal
can be shifted by 100 %. After the brightness addition,
the negative going signals are limited to zero. It is
desirable to keep a small positive offset with the signal
to prevent undershoots produced by the peaking from
being cut. The digital brightness adjustment works
separately for main and side picture.
2.10.5.Soft Limiter
The dynamic range of the processed luma signal must
be limited to prevent the CRT from overload. An appro-
priate headroom for contrast, peaking and brightness
can be adjusted by the TV manufacturer according to
the CRT characteristics. All signals above this limit will
be ‘soft’-clipped. A characteristic diagram of the soft
limiter is shown in Fig. 2–15. The total limiter consists
of three parts:
Part 1 includes adjustable tilt point and gain. The gain
before the tilt value is 1. Above the tilt value, a part
(0...15/16) of the input signal is subtracted from the
input signal itself. Therefore, the gain is adjustable
from 16/16 to 1/16, when the slope value varies from
0 to 15. The tilt value can be adjusted from 0 to 511.
Part 2 has the same characteristics as part 1. The sub-
tracting part is also relative to the input signal, so the
total differential gain will become negative if the sum of
slope 1 and slope 2 is greater than 16 and the input
signal is above the both tilt values (see characteris-
tics).
Finally, the output signal of the soft limiter will be
clipped by a hard limiter adjustable from 256 to 511.
2.10.6.Chroma Interpolation
A linear phase interpolator is used to convert the
chroma sampling rate from 10.125 MHz (4:2:2) to
20.25 MHz (4:4:4). All further processing is carried out
at the full sampling rate.
Fig. 2–15: Characteristic of soft limiter A and B and hard limiter
2.10.7.Chroma Transient Improvement
The intention of this block is to enhance the chroma
resolution. A correction signal is calculated by differen-
tiation of the color difference signals. The differentia-
tion can be selected according to the signal bandwidth,
e.g. for PAL/NTSC/SECAM or digital component sig-
nals, respectively. The amplitude of the correction sig-
nal is adjustable. Small noise amplitudes in the correc-
tion signal are suppressed by an adjustable coring
circuit. To eliminate ‘wrong colors’, which are caused
by over and undershoots at the chroma transition, the
sharpened chroma signals are limited to a proper
value automatically.
0
100
200
300
400
500
600
700
800
900
1023
Calculation Example for the
Softlimiter Input Amplitude.
(The real signal processing in
the limiter is 2 bit more than
described here)
Y Input
16...235 (ITUR)
Black Level
16 (constant)
Contrast
63
Dig. Brightness
20
BLE
off
Peaking
off
Limiter input signal:
(Yin-Black Level)
⋅Contr./32 + Brightn.
(235-16)
⋅ 63/32 + 20 = 451
0
2
4
6
8
10
12
14
slope 2
[0...15]
0
2
4
6
8
10
12
14
Hard limiter
range=
256...511
slope 1
[0...15]
tilt 1 [ 0...511]
tilt 2 [ 0...511]
100
200
300
400
511
Output
0
Part 1
Part 2
Limiter Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com