Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90316 Datasheet(PDF) 13 Page - Melexis Microelectronic Systems

Part # MLX90316
Description  Rotary Position Sensor IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90316 Datasheet(HTML) 13 Page - Melexis Microelectronic Systems

Back Button MLX90316 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 16Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 17Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 13 of 45
Jul/13
Rev10
8. MLX90316 Isolation Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (S, E, K or L). Only valid for the package code GO i.e. dual die version.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Isolation Resistance
Between 2 dies
4
M
9. MLX90316 Timing Specification
DC Operating Parameters at VDD = 5V (unless otherwise specified) and for TA as specified by the
Temperature suffix (S, E, K or L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Main Clock Frequency
Ck
Slow mode(10)
Fast mode(10)
7
20
MHz
MHz
Sampling Rate
Slow mode(11)
Fast mode(11)
600
200
µs
µs
Step Response Time
Ts
Slow mode(10), Filter=5(11)
Fast mode(10), Filter=0(11)
400
4
600
ms
µs
Watchdog
Wd
See Section 15
5
ms
Start-up Cycle
Tsu
Slow and Fast mode(10)
15
ms
Analog Output Slew Rate
COUT = 42 nF
COUT = 100 nF
200
100
V/ms
PWM Frequency
FPWM
PWM Output Enabled
100
1000
Hz
Digital Output Rise Time
Mode 5 – 10nF, RL = 10 k
Mode 7 – 10nF, RL = 10 k
120
2.2
µs
µs
Digital Output Fall Time
Mode 5 – 10nF, RL = 10 k
Mode 7 – 10nF, RL = 10 k
1.8
1.9
µs
µs
10 See section 14.4.1 for details concerning Slow and Fast mode
11 See section 14.5 for details concerning Filter parameter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com