Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90316 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX90316
Description  Rotary Position Sensor IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90316 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90316 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 21 of 45
Jul/13
Rev10
14.2.5. DEADZONE Parameter
The dead zone is defined as the angle window between 0 and 359.9999.
When the digital angle lies in this zone, the IC is in fault mode (RESONFAULT must be set to “1” – See
14.6.1).
14.2.6. MLX90316 xDC- BCS ONLY
The MLX90316 BCS firmware offers the possibility to program a second output transfer characteristic of
the single die version.
The following formula is used in the 90316BxS:
OUT2 = OUT2SlopeRatio * OUT1 + OUT2Offset
Range OUT2 = [ Clamp_Low OUT2..Clamp_High OUT2 ]
OUT2 SLOPE RATIO Controls the slope ratio OUT1 vs OUT2. The ratio can be positive or negative.
The example of MLX90316LDC-BCS-PPA is given in the figure below (slope = -1, OUT2 = -1 x slope OUT1
+ 100 %).
14.3. Identification
Parameter
Value
Unit
MELEXSID1
MELEXSID2
MELEXSID3
0 … 65535
0 … 65535
0 … 65535
CUSTUMERID1
CUSTUMERID2
CUSTUMERID3
0 … 255
0 … 65535
0 … 65535
Identification number: 40 bits freely useable by Customer for traceability purpose.
360 (Deg.)
0
OUT1
OUT2
0%
100%
10%
90%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com