Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLX90316 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90316
Description  Rotary Position Sensor IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90316 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90316 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90316 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
MLX90316
Rotary Position Sensor IC
3901090316
Page 2 of 45
Jul/13
Rev10
MLX90316
K
DC
BDG-100
RE
MLX90316
K
DC
BDG-100
TU
MLX90316
L
DC
BDG-100
TU
MLX90316
L
DC
BDG-100
RE
MLX90316
E
GO
BDG-100
TU
MLX90316
E
GO
BDG-100
RE
MLX90316
K
GO
BDG-100
TU
MLX90316
K
GO
BDG-100
RE
MLX90316
L
GO
BDG-100
TU
MLX90316
L
GO
BDG-100
RE
MLX90316
L
GO
BDG-102
TU
MLX90316
L
GO
BDG-102
RE
MLX90316
L
DC
BDG-102
TU
MLX90316
L
DC
BDG-102
RE
MLX90316
L
DC
BCS-000
TU
MLX90316
L
DC
BCS-000
RE
Legend:
Temperature Code:
L for Temperature Range -40°C to 150°C
E for Temperature Range -40°C to 85°C
K for Temperature Range -40°C to 125°C
S for Temperature Range -20°C to 85°C
Package Code:
DC for SOIC150
GO for TSSOP173
Option Code:
AAA-xxx: die version
xxx-000: standard
xxx-100: SPI
xxx-102: SPI75AGC, see section 14.4.2
xxx-200: PPA (Pre-programmed Analog)
xxx-300: PPD (Pre-programmed Digital)
Packing Form:
RE for Reel, TU for Tube
Ordering example:
MLX90316KDC-BCG-000-TU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com