Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5162 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5162
Description  Dual 256-Position SPI Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5162 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5162 Datasheet HTML 7Page - Analog Devices AD5162 Datasheet HTML 8Page - Analog Devices AD5162 Datasheet HTML 9Page - Analog Devices AD5162 Datasheet HTML 10Page - Analog Devices AD5162 Datasheet HTML 11Page - Analog Devices AD5162 Datasheet HTML 12Page - Analog Devices AD5162 Datasheet HTML 13Page - Analog Devices AD5162 Datasheet HTML 14Page - Analog Devices AD5162 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5162
Rev. A | Page 11 of 20
0.01
1
0.1
10
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
DIGITAL INPUT VOLTAGE (V)
TA = 25°C
VDD = 2.7V
VDD = 5.5V
Figure 21. IDD vs. Input Voltage
VW
CLK
Figure 22. Digital Feedthrough
VW2
VW1
Figure 23. Digital Crosstalk
VW2
VW1
Figure 24. Analog Crosstalk
VW
Figure 25. Midscale Glitch, Code 0x80 to 0x7F
VW
CS
Figure 26. Large Signal Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com