Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5162 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5162
Description  Dual 256-Position SPI Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5162 Datasheet(HTML) 1 Page - Analog Devices

  AD5162 Datasheet HTML 1Page - Analog Devices AD5162 Datasheet HTML 2Page - Analog Devices AD5162 Datasheet HTML 3Page - Analog Devices AD5162 Datasheet HTML 4Page - Analog Devices AD5162 Datasheet HTML 5Page - Analog Devices AD5162 Datasheet HTML 6Page - Analog Devices AD5162 Datasheet HTML 7Page - Analog Devices AD5162 Datasheet HTML 8Page - Analog Devices AD5162 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Dual 256-Position SPI
Digital Potentiometer
AD5162
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.
FEATURES
2-channel, 256-position
End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Compact MSOP-10 (3 mm × 4.9 mm) package
Fast settling time: tS = 5 µs typical on power-up
Full read/write of wiper register
Power-on preset to midscale
Extra package address decode pin AD0
Computer software replaces µC in factory programming
applications
Single supply: 2.7 V to 5.5 V
Low temperature coefficient: 35 ppm/°C
Low power: IDD = 6 µA max
Wide operating temperature: −40°C to +125°C
Evaluation board available
APPLICATIONS
Systems calibrations
Electronics level settings
Mechanical Trimmers® replacement in new designs
Permanent factory PCB setting
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
FUNCTIONAL BLOCK DIAGRAM
A1
A = 0
A = 1
VDD
GND
SDI
CLK
CS
W1
WIPER
REGISTER 1
SPI INTERFACE
AD5162
B1
W2
WIPER
REGISTER 2
B2
Figure 1.
GENERAL DESCRIPTION
The AD5162 provides a compact 3 mm × 4.9 mm packaged
solution for dual 256-position adjustment applications. This
device performs the same electronic adjustment function as a
3-terminal mechanical potentiometer. Available in four different
end-to-end resistance values (2.5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ),
this low temperature coefficient device is ideal for high accu-
racy and stability variable resistance adjustments. The wiper
settings are controllable through an SPI digital interface. The
resistance between the wiper and either endpoint of the fixed
resistor varies linearly with respect to the digital code
transferred into the RDAC1 latch.
1 The terms digital potentiometer, VR, and RDAC are used interchangeably.
Operating from a 2.7 V to 5.5 V power supply and consuming
less than 6 µA allows the AD5162 to be used in portable
battery-operated applications.
For applications that program the AD5162 at the factory,
Analog Devices offers device programming software running
on Windows® NT/2000/XP operating systems. This software
effectively replaces any external SPI controllers, which in turn
enhances users’ systems time-to-market. An AD5162 evaluation
kit and software are available. The kit includes a cable and
instruction manual.


Similar Part No. - AD5162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5162BRM10 AD-AD5162BRM10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRM100 AD-AD5162BRM100 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRM100-RL7 AD-AD5162BRM100-RL7 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRM2.5 AD-AD5162BRM2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5162BRM2.5-RL7 AD-AD5162BRM2.5-RL7 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results

Similar Description - AD5162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5160 AD-AD5160 Datasheet
847Kb / 16P
256-Position SPI Compatible Digital Potentiometer
logo
ON Semiconductor
CAT5172 ONSEMI-CAT5172 Datasheet
179Kb / 10P
256-Position SPI Compatible Digital Potentiometer
May, 2009 ??Rev. 0
logo
Analog Devices
AD5162BRMZ10 AD-AD5162BRMZ10 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160 AD-AD5160_09 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ2.5 AD-AD5162BRMZ2.5 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160BRJ50 AD-AD5160BRJ50 Datasheet
467Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5162BRMZ10-RL7 AD-AD5162BRMZ10-RL7 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
AD5160BRJ100 AD-AD5160BRJ100 Datasheet
485Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. B
AD5160 AD-AD5160_15 Datasheet
480Kb / 16P
256-Position SPI-Compatible Digital Potentiometer
REV. C
AD5162 AD-AD5162_15 Datasheet
830Kb / 20P
Dual, 256-Position, SPI Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com