Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5162 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5162
Description  Dual 256-Position SPI Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5162 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5162 Datasheet HTML 10Page - Analog Devices AD5162 Datasheet HTML 11Page - Analog Devices AD5162 Datasheet HTML 12Page - Analog Devices AD5162 Datasheet HTML 13Page - Analog Devices AD5162 Datasheet HTML 14Page - Analog Devices AD5162 Datasheet HTML 15Page - Analog Devices AD5162 Datasheet HTML 16Page - Analog Devices AD5162 Datasheet HTML 17Page - Analog Devices AD5162 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5162
Rev. A | Page 14 of 20
PROGRAMMING THE POTENTIOMETER DIVIDER
Voltage Output Operation
The digital potentiometer easily generates a voltage divider at
wiper-to-B and wiper-to-A proportional to the input voltage at
A to B. Unlike the polarity of VDD to GND, which must be
positive, voltage across A to B, W to A, and W to B can be at
either polarity.
A
VI
W
B
VO
Figure 35. Potentiometer Mode Configuration
If ignoring the effect of the wiper resistance for approximation,
connecting the A terminal to 5 V and the B terminal to ground
produces an output voltage at the wiper-to-B starting at 0 V up
to 1 LSB less than 5 V. Each LSB of voltage is equal to the volt-
age applied across terminal AB divided by the 256 positions of
the potentiometer divider. The general equation defining the
output voltage at VW with respect to ground for any valid input
voltage applied to terminals A and B is
B
A
W
V
D
V
D
D
V
256
256
256
)
(
−
+
=
(3)
A more accurate calculation, which includes the effect of wiper
resistance, VW, is
B
AB
WA
A
AB
WB
W
V
R
D
R
V
R
D
R
D
V
)
(
)
(
)
(
+
=
(4)
Operation of the digital potentiometer in the divider mode
results in a more accurate operation over temperature. Unlike
the rheostat mode, the output voltage is dependent mainly on
the ratio of the internal resistors RWA and RWB and not the
absolute values. Therefore, the temperature drift reduces to
15 ppm/°C.
ESD PROTECTION
All digital inputs are protected with a series of input resistors
and parallel Zener ESD structures shown in Figure 36 and
Figure 37. This applies to the digital input pins SDI, CLK,
and CS.
LOGIC
340
Ω
GND
Figure 36. ESD Protection of Digital Pins
A, B, W
GND
Figure 37. ESD Protection of Resistor Terminals
TERMINAL VOLTAGE OPERATING RANGE
The AD5162 VDD and GND power supply defines the boundary
conditions for proper 3-terminal digital potentiometer opera-
tion. Supply signals present on terminals A, B, and W that
exceed VDD or GND are clamped by the internal forward biased
diodes (see Figure 38).
GND
A
W
B
VDD
Figure 38. Maximum Terminal Voltages Set by VDD and GND
POWER-UP SEQUENCE
Because the ESD protection diodes limit the voltage compliance
at terminals A, B, and W (see Figure 38), it is important to
power VDD/GND before applying any voltage to terminals A, B,
and W; otherwise, the diode is forward biased such that VDD is
powered unintentionally and may affect the rest of the user’s
circuit. The ideal power-up sequence is in the following order:
GND, VDD, digital inputs, and then VA, VB, VW. The relative order
of powering VA, VB, VW, and the digital inputs is not important
as long as they are powered after VDD/GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com