Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5451 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5451
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5451 Datasheet HTML 8Page - Analog Devices AD5451 Datasheet HTML 9Page - Analog Devices AD5451 Datasheet HTML 10Page - Analog Devices AD5451 Datasheet HTML 11Page - Analog Devices AD5451 Datasheet HTML 12Page - Analog Devices AD5451 Datasheet HTML 13Page - Analog Devices AD5451 Datasheet HTML 14Page - Analog Devices AD5451 Datasheet HTML 15Page - Analog Devices AD5451 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD5450/AD5451/AD5452/AD5453
–13–
REV. PrD
PRELIMINARY TECHNICAL DATA
Table II. Bipolar Code Table
Digital Input
Analog Output (V)
1111 1111
+VREF (127/128)
1000 0000
0
0000 0001
-VREF (127/128)
0000 0000
-VREF (128/128)
Stability
In the I-to-V configuration, the IOUT of the DAC and the
inverting node of the op amp must be connected as close
as possible, and proper PCB layout techniques must be
employed. Since every code change corresponds to a step
function, gain peaking may occur if the op amp has
limited GBP and there is excessive parasitic capacitance at
the inverting node. This parasitic capacitance introduces a
pole into the open loop response which can cause ringing
or instability in the closed loop applications circuit.
An optional compensation capacitor, C1 can be added in
parallel with RFB for stability as shown in figures 3 and 4.
Too small a value of C1 can produce ringing at the
output, while too large a value can adversely affect the
settling time. C1 should be found empirically but 1-2pF is
generally adequate for the compensation.
SINGLE SUPPLY APPLICATIONS
Voltage Switching Mode of Operation
Figure 5 shows these DACs operating in the voltage-
switching mode. The reference voltage, VIN is applied to
the IOUT1 pin, IOUT2 is connected to AGND and the
output voltage is available at the VREF terminal. In this
configuration, a positive reference voltage results in a
positive output voltage making single supply operation
possible. The output from the DAC is voltage at a
constant impedance (the DAC ladder resistance). Thus an
op-amp is necessary to buffer the output voltage. The
reference input no longer sees a constant input impedance,
but one that varies with code. So, the voltage input should
be driven from a low impedance source.
VOUT
VDD
GND
VIN
IOUT1
RFB
VDD
VREF
NOTES:
1ADDITIONAL PINS OMITTED FOR CLARITY
2C1 PHASE COMPENSATION (1pF-5pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
R2
R1
Figure 5. Single Supply Voltage Switching Mode Operation.
It is important to note that VIN is limited to low voltages
because the switches in the DAC ladder no longer have
the same source-drain drive voltage. As a result their on
resistance differs and this degrades the integral linearity of
the DAC. Also, VIN must not go negative by more than
0.3V or an internal diode will turn on, exceeding the max
ratings of the device. In this type of application, the full
range of multiplying capability of the DAC is lost.
POSITIVE OUTPUT VOLTAGE
Note that the output voltage polarity is opposite to the
VREF polarity for dc reference voltages. In order to achieve
a positive voltage output, an applied negative reference to
the input of the DAC is preferred over the output
inversion through an inverting amplifier because of the
resistors tolerance errors. To generate a negative
reference, the reference can be level shifted by an op amp
such that the VOUT and GND pins of the reference
become the virtual ground and -2.5V respectively as
shown in Figure 6.
VOUT = 0 to +2.5V
VDD = 5V
GND
IOUT2
IOUT1
RFB
VDD
VREF
C1
NOTES:
1ADDITIONAL PINS OMITTED FOR CLARITY
2C1 PHASE COMPENSATION (1pF-5pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
GND
VIN
VOUT
ADR03
+ 5V
- 5V
1/2 AD8552
1/2 AD8552
-2.5V
Figure 6. Positive Voltage output with minimum of
components.
ADDING GAIN
In applications where the output voltage is required to be
greater than VIN, gain can be added with an additional
external amplifier or it can also be achieved in a single
stage. It is important to take into consideration the effect
of temperature coefficients of the thin film resistors of the
DAC. Simply placing a resistor in series with the RFB
resistor will causing mis-matches in the Temperature
coefficients resulting in larger gain temperature coefficient
errors. Instead, the circuit of Figure 7 is a recommended
method of increasing the gain of the circuit. R1, R2 and
R3 should all have similar temperature coefficients, but
they need not match the temperature coefficients of the
DAC. This approach is recommended in circuits where
gains of great than 1 are required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com