Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5451 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5451
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451 Datasheet(HTML) 4 Page - Analog Devices

  AD5451 Datasheet HTML 1Page - Analog Devices AD5451 Datasheet HTML 2Page - Analog Devices AD5451 Datasheet HTML 3Page - Analog Devices AD5451 Datasheet HTML 4Page - Analog Devices AD5451 Datasheet HTML 5Page - Analog Devices AD5451 Datasheet HTML 6Page - Analog Devices AD5451 Datasheet HTML 7Page - Analog Devices AD5451 Datasheet HTML 8Page - Analog Devices AD5451 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
–4–
REV. PrD
AD5450/AD5451/AD5452/AD5453
PRELIMINARY TECHNICAL DATA
ABSOLUTE MAXIMUM RATINGS
1, 2
(TA = +25°C unless otherwise noted)
VDD to GND
–0.3 V to +7 V
VREF, RFB to GND
–12 V to +12 V
IOUT1 to GND
–0.3 V to +7 V
Input Current to any pin except supplies
±10 mA
Logic Inputs & Output
3
-0.3V to VDD +0.3 V
Operating Temperature Range
Industrial (Y Version)
–40°C to +125°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
+150°C
8 lead MSOP
θ
JA Thermal Impedance
206°C/W
8 lead TSOT
θ
JA Thermal Impedance
211°C/W
Lead Temperature, Soldering (10seconds)
300°C
IR Reflow, Peak Temperature (<20 seconds)
+235°C
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Only one absolute maximum rating may
be applied at any one time.
2 Transient currents of up to 100mA will not cause SCR latchup.
3Overvoltages at SCLK,
SYNC, DIN, will be clamped by internal diodes. Current
should be limited to the maximum ratings given.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD5450/AD5451/AD5452/AD5453 features proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore,
proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Model
Resolution
INL
Temperature Range
Package Description Branding
Package Option
AD5450YUJ
8
±0.25
-40
oC to +125 oC
TSOT
UJ-8
AD5451YUJ
10
±0.25
-40 oC to +125 oC
TSOT
UJ-8
AD5452YUJ
12
±0.5
-40
oC to +125 oC
TSOT
UJ-8
AD5452YRM 12
±0.5
-40
oC to +125 oC
MSOP
RM-8
AD5453YUJ
14
±2
-40 oC to +125 oC
TSOT
UJ-8
AD5453YRM 14
±2
-40
oC to +125 oC
MSOP
RM-8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com