Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5451 Datasheet(PDF) 2 Page - Analog Devices

Part # AD5451
Description  8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5451 Datasheet(HTML) 2 Page - Analog Devices

  AD5451 Datasheet HTML 1Page - Analog Devices AD5451 Datasheet HTML 2Page - Analog Devices AD5451 Datasheet HTML 3Page - Analog Devices AD5451 Datasheet HTML 4Page - Analog Devices AD5451 Datasheet HTML 5Page - Analog Devices AD5451 Datasheet HTML 6Page - Analog Devices AD5451 Datasheet HTML 7Page - Analog Devices AD5451 Datasheet HTML 8Page - Analog Devices AD5451 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
–2–
REV. PrD
AD5450/AD5451/AD5452/AD5453–SPECIFICATIONS1
PRELIMINARY TECHNICAL DATA
Parameter
Min
Typ
M a x
Units
Conditions
STATIC
PERFORMANCE
AD5450
Resolution
8
Bits
Relative Accuracy
±0.25
L S B
Differential Nonlinearity
± ½
L S B
Guaranteed Monotonic
AD5451
Resolution
1 0
Bits
Relative Accuracy
±0.25
L S B
Differential Nonlinearity
± ½
L S B
Guaranteed Monotonic
AD5452
Resolution
1 2
Bits
Relative Accuracy
±0.5
L S B
Differential Nonlinearity
± ½
L S B
Guaranteed Monotonic
AD5453
Resolution
1 4
Bits
Relative Accuracy
± 2
L S B
Differential Nonlinearity
± 1
L S B
Guaranteed Monotonic
Total Unadjusted Error
±2.44
m V
Gain Error
±1.22
m V
Gain Error Temp Coefficient
2
±5
ppm FSR/°C
Output Leakage Current
± 1 0
n A
Data = 0000H, TA = 25°C, IOUT1
± 5 0
n A
Data = 0000H, IOUT1
Output Voltage Compliance Range
1.23
V
REFERENCE
INPUT
2
Reference Input Range
± 1 0
V
VREF Input Resistance
8
9 . 3
1 2
k
Ω
Input resistance TC = -50ppm/°C
DIGITAL
INPUTS
2
Input High Voltage, VIH
2.0
V
VDD = 3.6 V to 5 V
1.7
V
VDD = 2.5 V to 3.6 V
Input Low Voltage, VIL
0.8
V
VDD = 2.7 V to 5.5 V
0.7
V
VDD = 2.5 V to 2.7 V
Input Leakage Current, IIL
1
µ A
Input Capacitance
1 0
p F
DYNAMIC
PERFORMANCE
2
Reference Multiplying BW
10
MHz
VREF = +/-3.5V, DAC loaded all 1s
Output Voltage Settling Time
VREF = 10V, RLOAD = 100Ω, CLOAD = 15pF
DAC latch alternately loaded with 0s and 1s.
AD5450
1 0 0
n s
Measured to +/-16mV of FS
AD5451
1 1 0
n s
Measured to +/-4mV of FS
AD5452
1 6 0
n s
Measured to +/-1mV of FS
AD5453
1 8 0
n s
Measured to +/-1mV of FS
Digital Delay
2 0
4 0
n s
Interface delay time
10% to 90% Dettling Time
1 0
3 0
n s
Rise and Fall time, VREF = 10V, RLOAD =
100
Ω, C
LOAD = 15pF
Digital to Analog Glitch Impulse
3
nV-s
1 LSB change around Major Carry, VREF=0V
Multiplying Feedthrough Error
DAC latch loaded with all 0s.
- 7 5
d B
Reference = 1MHz.
Reference = 10MHz.
Output Capacitance
IOUT1
5
p F
DAC Latches Loaded with all 0s
1 0
p F
DAC Latches Loaded with all 1s
IOUT2
1 0
p F
DAC Latches Loaded with all 0s
5
p F
DAC Latches Loaded with all 1s
Digital Feedthrough
0 . 1
nV-s
Feedthrough to DAC output with
CS high
and Alternate Loading of all 0s and all 1s.
(VDD = 2.5 V to 5.5 V, VREF = +10 V, IOUTx = O V. All specifications TMIN to TMAX unless otherwise noted. DC performance measured with
OP1177, AC performance with AD9631 unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com