Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5170EVAL Datasheet(PDF) 9 Page - Analog Devices

Part # AD5170EVAL
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170EVAL Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5170EVAL Datasheet HTML 5Page - Analog Devices AD5170EVAL Datasheet HTML 6Page - Analog Devices AD5170EVAL Datasheet HTML 7Page - Analog Devices AD5170EVAL Datasheet HTML 8Page - Analog Devices AD5170EVAL Datasheet HTML 9Page - Analog Devices AD5170EVAL Datasheet HTML 10Page - Analog Devices AD5170EVAL Datasheet HTML 11Page - Analog Devices AD5170EVAL Datasheet HTML 12Page - Analog Devices AD5170EVAL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD5170
Rev. A | Page 9 of 24
–30
–20
–10
0
10
20
30
40
50
128
96
32
64
0
160
192
224
256
CODE (DECIMAL)
RAB = 10kΩ
VDD = 2.7V
TA = –40°C TO +85°C, –40°C TO +125°C
VDD = 5.5V
TA = –40°C TO +85°C, –40°C TO +125°C
Figure 14. Potentiometer Mode Tempco ∆VWB/∆T vs. Code
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
10k
1M
100k
10M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 15. Gain vs. Frequency vs. Code, RAB = 2.5 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
1k
100k
10k
1M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 16. Gain vs. Frequency vs. Code, RAB = 10 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
1k
100k
10k
1M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 17. Gain vs. Frequency vs. Code, RAB = 50 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
1k
100k
10k
1M
0x80
0x40
0x20
0x10
0x08
0x04
0x01
0x02
Figure 18. Gain vs. Frequency vs. Code, RAB = 100 kΩ
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
0
FREQUENCY (Hz)
10k
1k
100k
1M
10M
100k
Ω
60kHz
50k
Ω
120kHz
10k
Ω
570kHz
2.5k
Ω
2.2MHz
Figure 19. –3 dB Bandwidth at Code = 0x80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com