Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5170EVAL Datasheet(PDF) 1 Page - Analog Devices

Part # AD5170EVAL
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170EVAL Datasheet(HTML) 1 Page - Analog Devices

  AD5170EVAL Datasheet HTML 1Page - Analog Devices AD5170EVAL Datasheet HTML 2Page - Analog Devices AD5170EVAL Datasheet HTML 3Page - Analog Devices AD5170EVAL Datasheet HTML 4Page - Analog Devices AD5170EVAL Datasheet HTML 5Page - Analog Devices AD5170EVAL Datasheet HTML 6Page - Analog Devices AD5170EVAL Datasheet HTML 7Page - Analog Devices AD5170EVAL Datasheet HTML 8Page - Analog Devices AD5170EVAL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
256-Position Two-Time Programmable
I2C Digital Potentiometer
AD5170
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
256-position
TTP (two-time programmable) set-and-forget resistance
setting allows second-chance permanent programming
Unlimited adjustments prior to OTP (one-time
programming) activation
OTP overwrite allows dynamic adjustments with user
defined preset
End-to-end resistance: 2.5 kΩ, 10 kΩ, 50 kΩ, 100 kΩ
Compact MSOP-10 (3 mm × 4.9 mm) package
Fast settling time: tS = 5 µs typ in power-up
Full read/write of wiper register
Power-on preset to midscale
Extra package address decode pins AD0 and AD1
Single-supply 2.7 V to 5.5 V
Low temperature coefficient: 35 ppm/°C
Low power, IDD = 6 µA maximum
Wide operating temperature: –40°C to +125°C
Evaluation board and software are available
Software replaces µC in factory programming applications
APPLICATIONS
Systems calibration
Electronics level setting
Mechanical Trimmers® replacement in new designs
Permanent factory PCB setting
Transducer adjustment of pressure, temperature, position,
chemical, and optical sensors
RF amplifier biasing
Automotive electronics adjustment
Gain control and offset adjustment
GENERAL OVERVIEW
The AD5170 is a 256-position, two-time programmable (TTP)
digital potentiometer1 that employs fuse link technology to
enable two opportunities at permanently programming the
resistance setting. OTP is a cost-effective alternative to EEMEM
for users who do not need to program the digital potentiometer
setting in memory more than once. This device performs the
same electronic adjustment function as mechanical
potentiometers or variable resistors with enhanced resolution,
solid-state reliability, and superior low temperature coefficient
performance.
FUNCTIONAL BLOCK DIAGRAM
VDD
GND
SDA
SCL
AD0
AD1
W
RDAC
REGISTER
ADDRESS
DECODE
SERIAL INPUT
REGISTER
B
A
FUSE
LINKS
12
/ 8
Figure 1.
The AD5170 is programmed using a 2-wire, I2C® compatible
digital interface. Unlimited adjustments are allowed before
permanently (there are actually two opportunities) setting the
resistance value. During OTP activation, a permanent blow fuse
command freezes the wiper position (analogous to placing
epoxy on a mechanical trimmer).
Unlike traditional OTP digital potentiometers, the AD5170 has
a unique temporary OTP overwrite feature that allows for new
adjustments even after the fuse has been blown. However, the
OTP setting is restored during subsequent power-up
conditions. This feature allows users to treat these digital
potentiometers as volatile potentiometers with a programmable
preset.
For applications that program the AD5170 at the factory,
Analog Devices offers device programming software running
on Windows NT®, 2000, and XP® operating systems. This
software effectively replaces any external I2C controllers, thus
enhancing the time-to-market of the user’s systems.
1 The terms digital potentiometer, VR, and RDAC are used interchangeably.


Similar Part No. - AD5170EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD517 AD-AD517 Datasheet
312Kb / 6P
Low Cost, Laser Trimmed, Precision IC Op Amp
REV. A
AD5171 AD-AD5171 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5171 AD-AD5171 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
1Mb / 20P
64-Position OTP Digital Potentiometer
AD5171BRJ10-R2 AD-AD5171BRJ10-R2 Datasheet
996Kb / 24P
64-Position OTP Digital Potentiometer
REV. D
More results

Similar Description - AD5170EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5172 AD-AD5172 Datasheet
948Kb / 24P
256-Position One-Time Programmable Dual-Channel I2C Digital Potentiometers
11/03-Data Sheet Changed from Rev. 0 to Rev. A
AD5245 AD-AD5245 Datasheet
995Kb / 16P
256-Position I2C Compatible Digital Potentiometer
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Revision 0
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5173BRMZ2.5 AD-AD5173BRMZ2.5 Datasheet
864Kb / 24P
256-Position, One-Time Programmable, Dual-Channel, I2C Digital Potentiometers
Rev. H
AD5245BRJ5 AD-AD5245BRJ5 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
256-Position I2C-Compatible Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com