Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5170EVAL Datasheet(PDF) 15 Page - Analog Devices

Part # AD5170EVAL
Description  256-Position Two-Time Programmable I2C Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5170EVAL Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5170EVAL Datasheet HTML 11Page - Analog Devices AD5170EVAL Datasheet HTML 12Page - Analog Devices AD5170EVAL Datasheet HTML 13Page - Analog Devices AD5170EVAL Datasheet HTML 14Page - Analog Devices AD5170EVAL Datasheet HTML 15Page - Analog Devices AD5170EVAL Datasheet HTML 16Page - Analog Devices AD5170EVAL Datasheet HTML 17Page - Analog Devices AD5170EVAL Datasheet HTML 18Page - Analog Devices AD5170EVAL Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
AD5170
Rev. A | Page 15 of 24
the 2.7 V system voltage is applied first, and the P1 and P2 gates
are pulled to ground, thus turning on P1 and subsequently P2.
As a result, VDD of the AD5170 approaches 2.7 V. When the
AD5170 setting is found, the factory tester applies the VDD_OTP
to both the VDD and the MOSFETs gates turning off P1 and P2.
The OTP command is executed at this time to program the
AD5170 while the 2.7 V source is protected. Once the fuse
programming is completed, the tester withdraws the VDD_OTP
and the setting for AD5170 is permanently fixed.
AD5170 achieves the OTP function through blowing internal
fuses. Users should always apply the 5.25 V to 5.5 V one-time
program voltage requirement at the first fuse programming
attempt. Failure to comply with this requirement may lead to a
change in the fuse structures, rendering programming
inoperable.
Poor PCB layout introduces parasitics that may affect the fuse
programming. Therefore, it is recommended to add a 10 µF
tantalum capacitor in parallel with a 1 nF ceramic capacitor as
close as possible to the VDD pin. The type and value chosen for
both capacitors are important. This combination of capacitor
values provides both a fast response and larger supply current
handling with minimum supply droop during transients. As a
result, these capacitors increase the OTP programming success
by not inhibiting the proper energy needed to blow the internal
fuses. Additionally, C1 minimizes transient disturbance and low
frequency ripple while C2 reduces high frequency noise during
normal operation.
LAYOUT CONSIDERATIONS
It is good practice to employ compact, minimum lead length
layout design. The leads to the inputs should be as direct as
possible with a minimum conductor length. Ground paths
should have low resistance and low inductance.
Note that the digital ground should also be joined remotely to
the analog ground at one point to minimize the ground bounce.
VDD
GND
VDD
C1
10
µF
C2
1nF
AD5170
+
Figure 40. Power Supply Bypassing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com