Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS16 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CMS16
Description  Wirewound Resistors, Commercial Power, Silicone Coated, Capacitor Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CMS16 Datasheet(HTML) 1 Page - Vishay Siliconix

  CMS16 Datasheet HTML 1Page - Vishay Siliconix CMS16 Datasheet HTML 2Page - Vishay Siliconix CMS16 Datasheet HTML 3Page - Vishay Siliconix CMS16 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMS
www.vishay.com
Vishay Huntington
Revision: 24-Mar-15
1
Document Number: 31843
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Commercial Power,
Silicone Coated, Capacitor Mount
FEATURES
• High temperature silicone coating
• Mounts directly onto the terminal studs of three
popular sizes of capacitance without additional
leads or terminals
• Extra long terminals keep damaging heat away
from the capacitor terminals
• Available in non-inductive style (special “NI”)
with Ayrton-Perry winding
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
TOLERANCE
± %
WEIGHT
(typical)
g
CMS16
CMS-16
16
1.0 to 59K
5, 10
7.5
CMS20
CMS-20
20
1.0 to 95K
5, 10
8.64
CMS22
CMS-22
22
1.0 to 105K
5, 10
8.64
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CMS16CME20K00JE (visit www.vishay.net SAP parts manual for all options)
GLOBAL MODEL
(5 digits)
TERMINAL
DESIGNATION
(2 digits)
TERMINAL
FINISH
(1 digit)
VALUE
(5 digits)
TOLERANCE
(1 digit)
PACKAGING CODE
(1 digit)
SPECIAL
(up to 2 digits)
CMS16
CMS20
CMS22
CA
CM
E = lead
(Pb)-free
R = decimal
K = thousand
1R500 = 1.5
1K500 = 1.5 k
J = ± 5 %
K = ± 10 %
E = Lead (Pb)-free
cell and bulk pack
(Dash number)
From 1 to 99 as
applicable
NI = non-inductive
Historical Part Number example: CMS-16-20K-5 %
CMS-16
20 k
5 %
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
MS
1
6
C
M
E
20
K
0
0
J
C
E


Similar Part No. - CMS16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMS16 TOSHIBA-CMS16 Datasheet
182Kb / 6P
Switching Mode Power Supply Applications Portable Equipment Battery Applications DC-DC Converter Applications
More results

Similar Description - CMS16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CW02C250R0JS70 VISHAY-CW02C250R0JS70 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
CW02B10R00JE7013 VISHAY-CW02B10R00JE7013 Datasheet
172Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
01-Feb-12
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
09-Jan-12
ALSR0118R00FE12 VISHAY-ALSR0118R00FE12 Datasheet
79Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
24-Feb-12
WSZ VISHAY-WSZ_15 Datasheet
102Kb / 3P
Wirewound Resistors, Surface Mount,Silicone or Cement Coated, High Power
02-Apr-14
ALSR VISHAY-ALSR Datasheet
92Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
18-Feb-16
CMV VISHAY-CMV Datasheet
122Kb / 4P
Wirewound Resistors, Commercial Power, Vitreous Coated, Capacitor Mount
24-Mar-15
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
MRP VISHAY-MRP Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
MRB VISHAY-MRB Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Silicone Coated, Axial Lead
07-May-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com