Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-90FIB Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM29F016-90FIB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-90FIB Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM29F016-90FIB Datasheet HTML 21Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 22Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 23Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 24Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 25Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 26Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 27Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 28Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Am29F016
25
AC CHARACTERISTICS
Read-only Operations Characteristics
Notes:
1. Test Conditions (for -75):
Output Load: 1 TTL gate and 30 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.0 V to 3.0 V
Timing measurement reference level: 1.5 V input and
output
2. Test Conditions (for all others):
Output Load: 1 TTL gate and 100 pF
Input rise and fall times: 20 ns
Input pulse levels: 0.45 V to 2.4 V
Timing measurement reference level: 0.8 V and 2.0 V
input and output
3. Output driver disable time.
4. Not 100% tested.
Parameter Symbol
Parameter Description
Test Setup
Speed Options (Notes 1 and 2)
Unit
JEDEC
Standard
-75
-90
-120
-150
tAVAV
tRC
Read Cycle Time 4
Min
70
90
120
150
ns
tAVQV
tACC
Address to Output Delay
CE = VIL
OE = VIL
Max
70
90
120
150
ns
tELQV
tCE
Chip Enable to Output Delay
OE = VIL Max
70
90
120
150
ns
tGLQV
tOE
Output Enable to Output Delay
Max
40
40
50
55
ns
tEHQZ
tDF
Chip Enable to Output High Z
(Notes 3, 4)
Max
20203035
ns
tGHQZ
tDF
Output Enable to Output High Z
(Notes 3, 4)
Max
20203035
ns
tAXQX
tOH
Output Hold Time From Addresses CE
or OE Whichever Occurs First
Min
0000
ns
tReady
RESET Pin Low to Read Mode
4
Max
20202020
µs
18805D-11
Figure 7.
Test Conditions
2.7 k
Ω
Diodes = IN3064
or Equivalent
CL
6.2 k
Ω
5.0 Volt
IN3064
or Equivalent
Note:
CL (for -75) = 30 pF including jig capacitance
CL (for all others) = 100 pF including jig capacitance
Device
Under
Test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com