Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-90FIB Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM29F016-90FIB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-90FIB Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM29F016-90FIB Datasheet HTML 28Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 29Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 30Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 31Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 32Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 33Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 34Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 35Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 36Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
32
Am29F016
AC CHARACTERISTICS
Write/Erase/Program Operations
Alternate CE Controlled Writes
Notes:
1. This does not include the preprogramming time.
2. Not 100% tested.
Parameter Symbol
Parameter Description
Speed Options (Notes 1 and 2)
Unit
JEDEC
Standard
-75
-90
-120
-150
tAVAV
tWC
Write Cycle Time
Min
70
90
120
150
ns
tAVEL
tAS
Address Setup Time
Min
0000
ns
tELAX
tAH
Address Hold Time
Min
40455050
ns
tDVEH
tDS
Data Setup Time
Min
40455050
ns
tEHDX
tDH
Address Hold Time
Min
0000
ns
tOES
Output Enable Setup Time (Note 2)
Min
0000
ns
tOEH
Output
Enable
Hold Time
Read (Note 2)
Min
0000
ns
Toggle Bit I and Data Polling
(Note 2)
Min
10101010
ns
tGHEL
tGHEL
Read Recover Time Before Write
Min
0000
ns
tWLEL
tWS
CE Setup Time
Min
0000
ns
tEHWH
tWH
CE Hold Time
Min
0000
ns
tELEH
tCP
Write Pulse Width
Min
40
45
50
50
ns
tEHEL
tCPH
Write Pulse Width High
Min
20
20
20
20
ns
tWHWH1
tWHWH1
Byte Programming Operation
Typ
7777
µs
tWHWH2
tWHWH2
Sector Erase Operation (Note 1)
Typ
1111
sec
Max
8888
sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com