Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F016-90FIB Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM29F016-90FIB
Description  16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F016-90FIB Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM29F016-90FIB Datasheet HTML 22Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 23Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 24Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 25Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 26Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 27Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 28Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 29Page - Advanced Micro Devices AM29F016-90FIB Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
26
Am29F016
AC CHARACTERISTICS
Write/Erase/Program Operations
Notes:
1. This does not include the preprogramming time.
2. Not 100% tested.
3. These timings are for Temporary Sector Group Unprotect operation.
Parameter Symbol
Parameter Description
Speed Options (Notes 1 and 2)
Unit
JEDEC
Standard
-75
-90
-120
-150
tAVAV
tWC
Write Cycle Time
Min
70
90
120
150
ns
tAVWL
tAS
Address Setup Time
Min
0000
ns
tWLAX
tAH
Address Hold Time
Min
40455050
ns
tDVWH
tDS
Data Setup Time
Min
40
45
50
50
ns
tWHDX
tDH
Data Hold Time
Min
0000
ns
tOEH
Output
Enable
Hold Time
Read 2
Min
0000
ns
Toggle Bit I and Data Polling
2
Min
10101010
ns
tGHWL
tGHWL
Read Recover Time Before Write
(OE high to WE low)
Min
0000
ns
tELWL
tCS
CE Setup Time
Min
0000
ns
tWHEH
tCH
CE Hold Time
Min
0000
ns
tWLWH
tWP
Write Pulse Width
Min
40
45
50
50
ns
tWHWL
tWPH
Write Pulse Width High
Min
20
20
20
20
ns
tWHWH1
tWHWH1
Byte Programming Operation
Typ
7777
µs
tWHWH2
tWHWH2
Sector Erase Operation 1
Typ
1111
sec
Max
8888
sec
tVCS
VCC Set Up Time 2
Min
50
50
50
50
µs
tVIDR
Rise Time to VID (Notes 2, 3)
Min
500
500
500
500
ns
tVLHT
Voltage Transition Time (Notes 2, 3)
Min
4444
µs
tOESP
OE Setup Time to WE Active (Notes 2, 3)
Min
4444
µs
tRP
RESET Pulse Width
Min
500
500
500
500
ns
tBUSY
Program/Erase Valid to RY/BY Delay
Min
40
40
50
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com