Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FSOT
Description  Wirewound Resistor, Industrial Power, Silicone Coated, Standard Oval
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FSOT Datasheet(HTML) 2 Page - Vishay Siliconix

  FSOT Datasheet HTML 1Page - Vishay Siliconix FSOT Datasheet HTML 2Page - Vishay Siliconix FSOT Datasheet HTML 3Page - Vishay Siliconix FSOT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FSOT
www.vishay.com
Vishay Huntington
Revision: 22-Jul-16
2
Document Number: 31847
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) The preferred Models are the FSOT70 and FSOT95. FSOT65 and FSOT75 are being shown as they have historically been used for these
two wattages.
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: FSOT5509E25R00JE (visit www.vishay.net SAP parts manual for all options)
GLOBAL MODEL
(6 digits)
TERMINAL
DESIGNATION
(2 digits)
TERMINAL
FINISH
(1 digit)
VALUE
(5 digits)
TOLERANCE
(1 digit)
PACKAGING CODE
(1 digit)
SPECIAL
(up to 2 digits)
(see Standard
Electrical
Specifications
Global Model
column for
options)
09
11
16
E = lead
(Pb)-free
R = decimal
K = thousand
1R500 = 1.5
1K500 = 1.5 k
J = ± 5 %
K = ± 10 %
E = lead (Pb)-free
cell and bulk pack
(dash number)
from 1 to 99 as
applicable
CT = center tap
NI = non-inductive
Historical Part Number example: FSOT-55-25-5 %
FSOT-20
25
5 %
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
SPECIAL
DIMENSIONS in inches [millimeters]
MODEL
A
± 0.063
[1.59]
B
± 0.063
[1.59]
C
± 0.031
[0.79]
DISTANCE
CENTER TO
CENTER
(REF.)
TERMINAL DESIGNATION
STANDARD
OPTIONAL
(QUICK
CONNECT)
FSOT10
0.750
[19.05]
1.312
[33.32]
1.000
[25.40]
0.531
[13.49]
11
-
FSOT15
1.000
[25.40]
1.562
[39.67]
1.250
[31.75]
0.781
[19.84]
11
-
FSOT20
2.062
[52.37]
2.625
[66.68]
2.312
[58.72]
1.843
[46.81]
11
-
FSOT30
1.250
[31.75]
2.500
[63.50]
2.000
[50.8]
0.906
[23.01]
09
16
FSOT40
2.000
[50.8]
3.250
[82.55]
2.750
[69.85]
1.656
[42.06]
09
16
FSOT55
3.500
[88.90]
4.750
[120.65]
4.250
[107.95]
3.156
[80.16]
09
16
FSOT65 / FSOT70 (1)
4.750
[120.65]
6.000
[152.4]
5.500
[139.7]
4.406
[111.91]
09
16
FSOT75 / FSOT95 (1)
6.000
[152.4]
7.250
[184.15]
6.750
[171.45]
5.656
[143.66]
09
16
Distance
center to center
Distance
center to center
FSOT10 / FSOT15 / FSOT20
FSOT30 / FSOT40 / FSOT55 / FSOT65 / FSOT70 / FSOT75 / FSOT95
S
O
T
5
509
E2
5
R
0
0
F
J
E



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com