Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOT Datasheet(PDF) 1 Page - Vishay Siliconix

Part # FSOT
Description  Wirewound Resistor, Industrial Power, Silicone Coated, Standard Oval
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FSOT Datasheet(HTML) 1 Page - Vishay Siliconix

  FSOT Datasheet HTML 1Page - Vishay Siliconix FSOT Datasheet HTML 2Page - Vishay Siliconix FSOT Datasheet HTML 3Page - Vishay Siliconix FSOT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FSOT
www.vishay.com
Vishay Huntington
Revision: 22-Jul-16
1
Document Number: 31847
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistor, Industrial Power,
Silicone Coated, Standard Oval
FEATURES
• High temperature silicone coating
• Mounting accommodations ideally suited to
high density packaging
• Available in non-inductive style (special “NI”)
with Ayrton-Perry winding
• Self-stacking
hardware
for
horizontal
or
vertical placement
• Mounting hardware functions as a heat sink allowing
greater heat dissipation and less derating of stacked units
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) The preferred Models are the FSOT70 and FSOT95. FSOT65 and FSOT75 are being shown as they have historically been used for these
two wattages.
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 5 %
± 10 %
FSOT10
FSOT10-NI
FSOT-10
FSOT-10-NI
10
1.0 to 15K
1.0 to 1.8K
0.10 to 15K
1.0 to 1.8K
0.41
FSOT15
FSOT15-NI
FSOT-15
FSOT-15-NI
15
1.0 to 26K
1.0 to 3.6K
0.10 to 26K
1.0 to 3.6K
0.47
FSOT20
FSOT20-NI
FSOT-20
FSOT-20-NI
20
1.0 to 71K
1.0 to 9.8K
0.10 to 71K
1.0 to 9.8K
0.74
FSOT30
FSOT30-NI
FSOT-30
FSOT-30-NI
30
1.0 to 11K
1.0 to 1.2K
0.10 to 11K
1.0 to 1.2K
20.14
FSOT40
FSOT40-NI
FSOT-40
FSOT-40-NI
40
1.0 to 26K
1.0 to 3K
0.10 to 26K
1.0 to 3K
30.07
FSOT55
FSOT55-NI
FSOT-55
FSOT-55-NI
55
1.0 to 54K
1.0 to 6.8K
0.10 to 54K
1.0 to 6.8K
51.25
FSOT65 / FSOT70 (1)
FSOT65-NI / FSOT70-NI (1)
FSOT-65
FSOT-65-NI
70
1.0 to 77K
1.0 to 9.4K
0.10 to 77K
1.0 to 9.4K
60.48
FSOT75 / FSOT95 (1)
FSOT75-NI / FSOT95-NI (1)
FSOT-75
FSOT-75-NI
95
1.0 to 99.9K
1.0 to 12.4K
0.10 to 99.9K
1.0 to 12.4K
76.51
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
FSOT RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 260 for 20
 and above, ± 400 for 1  to 20 ,
special TC’s available
Short Time Overload
-
10 x rated power for 5 s
Dielectric Withstanding Voltage
VAC
1000, from terminal to mounting hardware
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
-55 to +350


Similar Part No. - FSOT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
FSO SCHURTER-FSO Datasheet
265Kb / 2P
Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
FSO SCHURTER-FSO Datasheet
243Kb / 2P
Touch-Safe Fuseholder, 35 mm DIN-Rail, 10.3 x 38 mm, 1000 VDC
logo
Kyocera Kinseki Corpota...
FSO-1D KSS-FSO-1D Datasheet
51Kb / 1P
Ultra Low Jitter.
logo
SOVICO corp.
FSO-20T SOVICO-FSO-20T Datasheet
203Kb / 1P
FASHION SPEAKER
logo
Fox Electronics
FSO-25LF FOX-FSO-25LF Datasheet
157Kb / 1P
5.0V/3.0V Plastic HCMOS/TTL Oscillator
More results

Similar Description - FSOT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RS02C1R000BB12 VISHAY-RS02C1R000BB12 Datasheet
199Kb / 4P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
09-Jan-12
RS121R000BB12 VISHAY-RS121R000BB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RSNS VISHAY-RSNS Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
RS010200R0FB12 VISHAY-RS010200R0FB12 Datasheet
179Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
NS02BR5000FE12 VISHAY-NS02BR5000FE12 Datasheet
189Kb / 3P
Wirewound Resistors, Industrial, Precision Power, Silicone Coated, Axial Lead
23-May-13
FVTL VISHAY-FVTL Datasheet
200Kb / 4P
Wirewound Resistor, Industrial Power, Vitreous Coated, Tubular
18-Aug-16
FST VISHAY-FST Datasheet
154Kb / 6P
Wirewound Resistor, Industrial Power, Silicone Coated, Fixed Tubular
25-Sep-2020
AST VISHAY-AST Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
FSTL VISHAY-FSTL Datasheet
188Kb / 4P
Wirewound Resistor, Industrial Power, Silicone Coated, Tubular
02-Sep-16
MRP VISHAY-MRP Datasheet
87Kb / 3P
Wirewound Resistor, Commercial Power, Silicone Coated, Axial Lead
07-May-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com