Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FSOT
Description  Wirewound Resistor, Industrial Power, Silicone Coated, Standard Oval
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FSOT Datasheet(HTML) 3 Page - Vishay Siliconix

  FSOT Datasheet HTML 1Page - Vishay Siliconix FSOT Datasheet HTML 2Page - Vishay Siliconix FSOT Datasheet HTML 3Page - Vishay Siliconix FSOT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FSOT
www.vishay.com
Vishay Huntington
Revision: 22-Jul-16
3
Document Number: 31847
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MATERIAL SPECIFICATIONS
Element: copper-nickel alloy or nickel-chrome alloy,
depending on resistance value
Core: ceramic, steatite
Coating: special high temperature silicone
Standard Terminals: tinned alloy 42
Optional Terminals (Quick Connect): alloy 42
Terminal Bands: alloy 42
Part Marking: HEI, model, wattage, value, tolerance, date
code
NON-INDUCTIVE
Models of equivalent physical and electrical specifications
are available with non-inductive (Ayrton-Perry) winding.
They are identified by adding the letters “NI” to the end of
the part number in the special section. For non-inductive
models the maximum resistance values are lower, see
Standard Electrical Specifications Table.
TERMINAL DIMENSIONS
DIMENSIONS
STYLE 09
STYLE 11
STYLE 16
D
0.188 [4.76]
0.125 [3.18]
0.188 [4.76]
E
(HOLE DIAMETER)
0.106 [2.69]
0.081 [2.10]
0.050 [1.27]
F
0.438 [11.13]
0.235 [5.97]
0.563 [14.30]
G
0.020 [0.51]
0.020 [0.51]
0.020 [0.51]
DERATING
Style 16
F
G
D
E
F
G
E
D
Style 09, 11
- 65 - 50
0
50
150
250
350
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com