Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIF06 Datasheet(PDF) 2 Page - TEMEX

Part # CIF06
Description  CI F06 Expander and Compressor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF06 Datasheet(HTML) 2 Page - TEMEX

  CIF06 Datasheet HTML 1Page - TEMEX CIF06 Datasheet HTML 2Page - TEMEX CIF06 Datasheet HTML 3Page - TEMEX CIF06 Datasheet HTML 4Page - TEMEX CIF06 Datasheet HTML 5Page - TEMEX CIF06 Datasheet HTML 6Page - TEMEX CIF06 Datasheet HTML 7Page - TEMEX CIF06 Datasheet HTML 8Page - TEMEX CIF06 Datasheet HTML 9Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Digital pulse compression module
CI F06 Expander and Compressor
Oct 16
th, 2015
CI F06 Expander and Compressor Revision B3
2 / 9
www.rakon.com
Technical description
CI F06 functional block diagram is featured on Fig. 1.
Fig. 1 : CI F06 functional block diagram
Unit description.
The internal low noise system clock is locked on an external clock (derived from the RADAR system clock). For
proper operation, the clock should be a good quality clock, with a low phase noise close to the carrier.
CI F06 unit is provided with FPGA firmware loaded. Functions, and channels specifications (time dispersion,
compressed pulse width, side lobes level…) should be provided by customer; Rakon will customize the FPGA
program to fulfill customer requirements.
CI F06 unit continuously monitors internal power supply and FPGA program integrity. If voltage exceeds nominal
levels, or if FPGA program is corrupted, Unit_OK output is deasserted, and LED is turned off. The Unit_OK output
indicates the GO-NOGO state of the compressor.
Pulse expander channel description.
After each Trigger pulse, a chirp defined by the samples set selected by WFMSel_E is generated, and presented
to the DAC input to be translated into an analog signal. Trigger input have to be synchronized with Clock input.
For better compatibility with old SAW based subsystems, an adjustable additional delay may be inserted.
Expander waveform is selected among 2 possible waveforms, using WFMSel_E input, as presented in Table 1.
Each time WFMSel_E signal changes, the new set of waveform coefficients will be active for the next trigger
pulse.
Table 1 : Expander waveform selection
WFMSel_E
Expander waveform
0
Waveform E0 (TBD)
1
Waveform E1 (TBD)
To
Ba seBa nd
FIR
Filter
Power
Control
Connect
JTA G
Program
FPGA
FPGA
To
F0
Sy stem
Clock
Superv ision
BIT E
Unit_O K
In_ C
Out_C
Power S upply
Wa veform
selection
WF MS el_C
ADC
To
F0
Out_E
DA C
Stored
Wa veforms
Tim ing
Wa veform
selection
WF MS el_E
Trigger
DA C
Clock



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com