Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIF06 Datasheet(PDF) 5 Page - TEMEX

Part # CIF06
Description  CI F06 Expander and Compressor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF06 Datasheet(HTML) 5 Page - TEMEX

  CIF06 Datasheet HTML 1Page - TEMEX CIF06 Datasheet HTML 2Page - TEMEX CIF06 Datasheet HTML 3Page - TEMEX CIF06 Datasheet HTML 4Page - TEMEX CIF06 Datasheet HTML 5Page - TEMEX CIF06 Datasheet HTML 6Page - TEMEX CIF06 Datasheet HTML 7Page - TEMEX CIF06 Datasheet HTML 8Page - TEMEX CIF06 Datasheet HTML 9Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Digital pulse compression module
CI F06 Expander and Compressor
Oct 16
th, 2015
CI F06 Expander and Compressor Revision B3
5 / 9
www.rakon.com
2
Electrical Interface
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
RF expander output signal
Refers to Out_E
2.10
Maximum output level
10
dBm
2.11
Output level variation with
temperature
± 1
dB
2.12
Maximum time domain amplitude
ripple
± 0.1
dB
2.13
Rise / Fall time
From 10 % to 90 % max level
50
ns
2.14
Spurious harmonic level
-70
dBc
2.15
Output noise floor
Inside chirp bandwidth
-140
dBm/Hz
2.16
Maximum phase error within the
chirp
± 2
Deg.
2.17
VSWR
1.3:1
RF compressor output signal
Refers to Out_C
2.18
Maximum output level
0
dBm
2.19
Output noise floor
Inside chirp bandwidth
-150
dBm/Hz
2.20
VSWR
1.3:1
RS-422 control inputs
Refers to Trigger, WFMSel_E, WFMSel_C inputs
2.21
Impedance
120
Ω
2.22
Setup time
To clock rising edge
50
ns
2.23
Hold time
From clock rising edge
50
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com