Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIF06 Datasheet(PDF) 6 Page - TEMEX

Part # CIF06
Description  CI F06 Expander and Compressor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

CIF06 Datasheet(HTML) 6 Page - TEMEX

  CIF06 Datasheet HTML 1Page - TEMEX CIF06 Datasheet HTML 2Page - TEMEX CIF06 Datasheet HTML 3Page - TEMEX CIF06 Datasheet HTML 4Page - TEMEX CIF06 Datasheet HTML 5Page - TEMEX CIF06 Datasheet HTML 6Page - TEMEX CIF06 Datasheet HTML 7Page - TEMEX CIF06 Datasheet HTML 8Page - TEMEX CIF06 Datasheet HTML 9Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Digital pulse compression module
CI F06 Expander and Compressor
Oct 16
th, 2015
CI F06 Expander and Compressor Revision B3
6 / 9
www.rakon.com
3
CI F06 expander operation Performances
Line
Parameter
Test Condition
Min.
Typ.
Max.
Unit
3.1
Center frequency (F0)
75 –
B/2
MHz
3.2
Maximum bandwidth (B)
45
MHz
3.3
Maximum time dispersion (T)
1000
µs
3.4
Minimal expander delay (TE)
Measured from first Clock
rising edge after Trigger low
to high transition, to the
center of the output chirp.
T/2 +
0.3
µs
3.5
Maximal additional expander delay (TE)
Measured from first Clock
rising edge after Trigger low
to high transition, to the
center of the output chirp.
1
ms
3.6
Modulation slope
Up-chirp / Down-chirp
3.7
Modulation type
Linear / Non linear



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com