Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSO13 Datasheet(PDF) 2 Page - TEMEX

Part # HSO13
Description  10-13 Short-term stability class OCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

HSO13 Datasheet(HTML) 2 Page - TEMEX

  HSO13 Datasheet HTML 1Page - TEMEX HSO13 Datasheet HTML 2Page - TEMEX HSO13 Datasheet HTML 3Page - TEMEX HSO13 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
High Stability Oscillator series
HSO 13
10
-13 Short-term stability class OCXO
December 24th, 2014
Specifications subject to change without notice
Shortform, 51001807.110, Issue A0
2 / 4
www.rakon.com
3. Performance data
3.1. Performance @ 5 MHz
Parameters
Conditions/Remarks
Min
Typ
Max
Unit
Nominal Frequency (Fn)
5
MHz
With internal potentiometer
± 50
± 100
ppb
Frequency tuning with Vc input from 0V to 10V
± 20
ppb
Steady state supply current
Typical @ 25°C
3
W
Warm up supply current
Frequency achievement 5mn after start up @ 25°C
10
W
For frequency in the range Fn +/- 1 ppm
5
mn
For full performance
1
28
day
Frequency stability vs temperature
± 5E-11
Frequency variation vs. supply voltage
Vcc ±1% @25°C
± 1E-11
Frequency variation vs. load
For ±10% variation of load
± 2E-11
per day
± 5E-11
per month
± 1.5E-9
per year
± 1E-8
10 years cumulated
± 5E-8
G-sensitivity
± 1
ppb/G
Output waveform
Output level
4
dBm
Harmonics level
-40
dBc
Spurious level
-70
dBc
Relative pulling frequency range
Frequency warm up time
Frequency ageing
after 30 days of continuous operation
Sine
3.2. Performance @ 10 MHz
Parameters
Conditions/Remarks
Min
Typ
Max
Unit
Nominal Frequency (Fn)
10
MHz
With internal potentiometer
± 50
± 100
ppb
Frequency tuning with Vc input from 0V to 10V
± 20
70
ppb
Steady state supply current
Typical @ 25°C
3
W
Warm up supply current
Frequency achievement 5mn after start up @ 25°C
10
W
For frequency in the range Fn +/- 1 ppm
5
mn
For full performance
1
28
day
Frequency stability vs temperature
± 5E-11
Frequency variation vs. supply voltage
Vcc ±1% @25°C
± 1E-11
Frequency variation vs. load
For ±10% variation of load
± 2E-11
per day
± 5E-11
per month
± 1.5E-9
per year
± 1E-8
10 years cumulated
± 5E-8
G-sensitivity
± 1
ppb/G
Output waveform
Output level
4
dBm
Harmonics level
Subharmonics
-40
dBc
Spurious level
-70
dBc
Frequency ageing
after 30 days of continuous operation
Sine
Relative pulling frequency range
Frequency warm up time



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com