Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSO13 Datasheet(PDF) 3 Page - TEMEX

Part # HSO13
Description  10-13 Short-term stability class OCXO
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

HSO13 Datasheet(HTML) 3 Page - TEMEX

  HSO13 Datasheet HTML 1Page - TEMEX HSO13 Datasheet HTML 2Page - TEMEX HSO13 Datasheet HTML 3Page - TEMEX HSO13 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
High Stability Oscillator series
HSO 13
10
-13 Short-term stability class OCXO
December 24th, 2014
Specifications subject to change without notice
Shortform, 51001807.110, Issue A0
3 / 4
www.rakon.com
4. Short-term stability options & phase noise
@5MHz
-125/-126 -135/-136 -147/-148 -147/-148 -147/-148
@10MHz
-118/-119 -128/-129 -140/-142 -140/-142 -140/-142
@5MHz
-123/-124 -135/-136 -147/-148 -147/-148 -147/-148
@10MHz
-116/-117 -128/-129 -140/-142 -140/-142 -140/-142
@5MHz
-117/-118 -132/-133 -147/-148 -147/-148 -147/-148
@10MHz
-110/-111 -125/-126 -140/-142 -140/-142 -140/-142
25
ADEV= 25E-14
25E-14 (2.5E-13)
50
ADEV= 50E-14
50E-14 (5E-13)
100Hz
Max/Typ.
1kHz
Max/Typ.
10kHz
Max/Typ.
20
ADEV= 20E-14
20E-14 (2E-13)
ADEV option
Conditions/Remarks
Tau = 1s - 30s
Frequency
1Hz
Max/Typ.
10Hz
Max/Typ.
5. Mechanical features
Package
name
Description
Dimensions
PTH1
Pin-throuh-hole
package
2.36”x2.63”x1.57”
60x67x40 mm
5.1. Package PTH1 (Pin-through-hole)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com